Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2545IXXXT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2545IXXXT
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545IXXXT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2545IXXXT Datasheet HTML 2Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 3Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 4Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 5Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 6Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 7Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 8Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 9Page - Cypress Semiconductor CY2545IXXXT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY2545
CY2547
Document #: 001-13196 Rev. *A
Page 6 of 15
Serial I2C Programming Interface Protocol
and Timing
To enhance the flexibility and function of the clock synthesizer, a
two signal serial interface is provided. Through the Serial Data
Interface, various device functions, such as individual clock
output buffers, are individually enabled or disabled. The registers
associated with the Serial Data Interface initialize to their default
setting upon power up and therefore, use of this interface is
optional. Clock device register changes are normally made at
system initialization, if any are required.
The CY2545 and CY2547 use a 2-wire serial interface SDA and
SCL that operates up to 400 kbits/s in read or write mode. The
SDA and SCL timing and data transfer sequence is shown in
Figure 3. The basic write serial format is:
Start Bit; 7-bit Device Address (DA); R/W Bit; Slave Clock
Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit
Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in
MA+2; ACK; etc. until STOP Bit. The basic serial format is illus-
trated in Figure 4.
Device Address
The device serial interface address is 69H. The device address
is combined with a read/write bit as the LSB and is sent after
each start bit.
Data Valid
Data is valid when the clock is HIGH, and is only transitioned
when the clock is LOW, as illustrated in Figure 5.
Data Frame
A start and stop sequence indicates every new data frame, as
illustrated in Figure 6.
Start Sequence - The start frame is indicated by SDA going LOW
when SCL is HIGH. Every time a start signal is supplied, the next
8-bit data must be the device address (seven bits) and a R/W bit,
followed by register address (eight bits) and register data (eight
bits).
Stop Sequence - The stop frame is indicated by SDA going HIGH
when SCL is HIGH. A stop frame frees the bus to go to another
part on the same bus or to another random register address.
Acknowledge Pulse
During write mode the CY2545/CY2547 responds with an
acknowledge pulse after every eight bits. Do this by pulling the
SDA line LOW during the N*9th clock cycle as illustrated in
Figure 7 (N = the number of bytes transmitted). During read
mode, the master generates the acknowledge pulse after
reading the data packet.
Write Operations
Writing Individual Bytes
A valid write operation must have a full 8-bit register address
after the device address word from the master, which is followed
by an acknowledge bit from the slave (ack = 0/LOW). The next
eight bits must contain the data word intended for storage. After
the data word is received, the slave responds with another
acknowledge bit (ack = 0/LOW), and the master must end the
write sequence with a STOP condition.
Writing Multiple Bytes
To write multiple bytes at a time, the master does not end the
write sequence with a STOP condition; instead, the master
sends multiple contiguous bytes of data to be stored. After each
byte, the slave responds with an acknowledge bit, the same as
after the first byte, and accepts data until the STOP condition
responds to the acknowledge bit. When receiving multiple bytes,
the CY2545 and CY2547 internally increment the register
address.
Read Operations
Read operations are initiated the same way as write operations
except that the R/W bit of the slave address is set to ‘1’ (HIGH).
There are three basic read operations: current address read,
random read, and sequential read.
Current Address Read
The CY2545 and CY2547 have an onboard address counter that
retains 1 more than the address of the last word access. If the
last word written or read was word ‘n’, then a current address
read operation returns the value stored in location ‘n+1’. When
the CY2545/CY2547 receive the slave address with the R/W bit
set to a ‘1’, the CY2545/CY2547 issue an acknowledge and
transmit
the
8-bit
word.
The
master
device
does
not
acknowledge the transfer, but generates a STOP condition,
which causes the CY2545/CY2547 to stop transmission.
Random Read
Through random read operations, the master may access any
memory location. To perform this type of read operation, first the
word address must be set. This is done by sending the address
to the CY2545/CY2547 as part of a write operation. After sending
the word address, the master generates a START condition
following the acknowledge. This terminates the write operation
before any data is stored in the address, but not before the
internal address pointer is set. Next, the master reissues the
control byte with the R/W byte set to ‘1’. The CY2545/CY2547
then issue an acknowledge and transmit the 8-bit word. The
master device does not acknowledge the transfer, but generates
a STOP condition, which causes the CY2545/CY2547 to stop
transmission.
Sequential Read
Sequential read operations follow the same process as random
reads except that the master issues an acknowledge instead of
a STOP condition after transmitting the first 8-bit data word. This
action increments the internal address pointer, and subsequently
output of the next 8-bit data word. By continuing to issue
acknowledges instead of STOP conditions, the master serially
reads the entire contents of the slave device memory. When the
internal address pointer points to the FFH register, after the next
increment, the pointer points to the 00H register.
[+] Feedback


Similar Part No. - CY2545IXXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545IXXXT CYPRESS-CY2545IXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545IXXXT CYPRESS-CY2545IXXXT Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545IXXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com