Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2545CXXX Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2545CXXX
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545CXXX Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2545CXXX Datasheet HTML 7Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 8Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 9Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 10Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 11Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 12Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 13Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 14Page - Cypress Semiconductor CY2545CXXX Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY2545
CY2547
Document #: 001-13196 Rev. *A
Page 11 of 15
AC Electrical Specifications
Parameter
Description
Conditions
Min
Typ
Max
Unit
FIN (crystal)
Crystal frequency, XIN
8
48
MHz
FIN (clock)
Input clock frequency
Clock inputs CLKIN or EXCLKIN
8
166
MHz
FCLK
Output clock frequency
3
166
MHz
DC1
Output duty cycle, all clocks
except Ref Out
Duty cycle is defined in Figure 9; t1/t2, measured 50%
of VDD
45
50
55
%
DC2
Ref out clock duty cycle
Ref In Min 45%, Max 55%
40
60
%
TRF1
[1]
Output rise/fall time
Measured from 20% to 80% of VDD_CLK_BX, as shown
in Figure 10, CLOAD = 15 pF, Drive strength [00]
–6.8
ns
TRF2
[1]
Output rise/fall time
Measured from 20% to 80% of VDD_CLK_BX, as shown
in Figure 10, CLOAD = 15 pF, Drive strength [01]
–3.4
ns
TRF3
[1]
Output rise/fall time
Measured from 20% to 80% of VDD_CLK_BX, as shown
in Figure 10, CLOAD = 15 pF, Drive strength [10]
–2.0
ns
TRF4
[1]
Output rise/fall time
Measured from 20% to 80% of VDD_CLK_BX, as shown
in Figure 10, CLOAD = 15 pF, Drive strength [11]
–1.0
ns
TCCJ
[1,2]
Cycle-to-cycle jitter max (Pk-Pk)
Configuration dependent. See Table 4
150
ps
TLOCK
[1]
PLL Lock time
Measured from 90% of the applied power supply level
1
3
ms
Table 4. Configuration Example for C-C Jitter
Ref. Freq.
(MHz)
CLK1 Output
CLK2 Output
CLK3 Output
CLK4 Output
CLK5 Output
Freq.
(MHz)
C-C Jitter
Typ (ps)
Freq.
(MHz)
C-C Jitter
Typ (ps)
Freq.
(MHz)
C-C Jitter
Typ (ps)
Freq.
(MHz)
C-C Jitter
Typ (ps)
Freq.
(MHz)
C-C Jitter
Typ (ps)
14.3181
8.0
134
166
103
48
92
74.25
81
Not Used
19.2
74.25
99
166
94
8
91
27
110
48
75
27
48
67
27
109
166
103
74.25
97
Not Used
48
48
93
27
123
166
137
166
138
8
103
Recommended Crystal Specification for SMD Package
Parameter
Description
Range 1
Range 2 Range 3
Unit
Fmin
Minimum frequency
8
14
28
MHz
Fmax
Maximum frequency
14
28
48
MHz
R1
Motional resistance (ESR)
135
50
30
Ω
C0
Shunt capacitance
4
4
2
pF
CL
Parallel load capacitance
18
14
12
pF
DL(max)
Maximum crystal drive level
300
300
300
µW
Recommended Crystal Specification for Thru-Hole Package
Parameter
Description
Range 1
Range 2 Range 3
Unit
Fmin
Minimum frequency
8
14
24
MHz
Fmax
Maximum frequency
14
24
32
MHz
R1
Motional resistance (ESR)
90
50
30
Ω
C0
Shunt capacitance
7
7
7
pF
CL
Parallel load capacitance
18
12
12
pF
DL(max)
Maximum crystal drive level
1000
1000
1000
µW
Notes
1. Guaranteed by design but not 100% tested.
2. Configuration dependent.
[+] Feedback


Similar Part No. - CY2545CXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545CXXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com