Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304SI-2T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2304SI-2T
Description  3.3V Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SI-2T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2304SI-2T Datasheet HTML 1Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 2Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 3Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 4Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 5Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 6Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 7Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY2304
Document #: 38-07247 Rev. *D
Page 3 of 8
Maximum Ratings
Supply Voltage to Ground Potential.................–0.5V to +7.0V
DC Input Voltage (Except Ref) ...............–0.5V to VDD + 0.5V
DC Input Voltage REF.............................................–0.5 to 7V
Storage Temperature ..................................–65°C to +150°C
Junction Temperature ..................................................150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015).............................> 2000V
Operating Conditions for CY2304SC-X Commercial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance (below 100 MHz)
30
pF
Load Capacitance (from 100 MHz to 133 MHz)
15
pF
CIN
Input Capacitance[3]
–7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2304SC-X Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage[4]
IOL = 8 mA (–1, –2)
0.4
V
VOH
Output HIGH Voltage[4]
IOH = –8 mA (–1, –2)
2.4
V
IDD (PD mode)
Power-down Supply Current REF = 0 MHz
12.0
µA
IDD
Supply Current
Unloaded outputs, 100-MHz REF,
Select inputs at VDD or GND
–45.0
mA
Unloaded outputs, 66-MHz REF
(–1,–2)
–32.0
mA
Unloaded outputs, 33-MHz REF
(–1,–2)
–18.0
mA
Switching Characteristics for CY2304SC-X Commercial Temperature Devices [5]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
30-pF load, all devices
10
100
MHz
t1
Output Frequency
15-pF load, –1, –2 devices
10
133.3
MHz
Duty Cycle[4] = t2 ÷ t1
(–1,–2)
Measured at 1.4V, FOUT = 66.66 MHz 30-pF load
40.0
50.0
60.0
%
Duty Cycle[4] = t2 ÷ t1
(–1,–2)
Measured at 1.4V, FOUT < 50.0 MHz 15-pF load
45.0
50.0
55.0
%
t3
Rise Time[4]
(–1, –2)
Measured between 0.8V and 2.0V, 30-pF load
2.20
ns
t3
Rise Time[4]
(–1, –2)
Measured between 0.8V and 2.0V, 15-pF load
1.50
ns
Notes:
3. Applies to both REF clock and FBK.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.
5. All parameters are specified with loaded output.


Similar Part No. - CY2304SI-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304SI-2 CYPRESS-CY2304SI-2 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2304SI-2T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com