Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304SI-2T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2304SI-2T
Description  3.3V Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SI-2T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2304SI-2T Datasheet HTML 1Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 2Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 3Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 4Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 5Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 6Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 7Page - Cypress Semiconductor CY2304SI-2T Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3.3V Zero Delay Buffer
CY2304
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07247 Rev. *D
Revised January 12, 2005
Features
• Zero input-output propagation delay, adjustable by
capacitive load on FBK input
• Multiple configurations—see “Available Configura-
tions” table
• Multiple low-skew outputs
• 10-MHz to 133-MHz operating range
• 90 ps typical peak cycle-to-cycle jitter at 15pF, 66MHz
• Space-saving 8-pin 150-mil SOIC package
• 3.3V operation
• Industrial temperature available
Functional Description
The CY2304 is a 3.3V zero delay buffer designed to distribute
high-speed clocks in PC, workstation, datacom, telecom, and
other high-performance applications.
The part has an on-chip phase-locked loop (PLL) that locks to
an input clock presented on the REF pin. The PLL feedback is
required to be driven into the FBK pin, and can be obtained
from one of the outputs. The input-to-output skew is
guaranteed to be less than 250 ps, and output-to-output skew
is guaranteed to be less than 200 ps.
The CY2304 has two banks of two outputs each.
The CY2304 PLL enters a power-down state when there are
no rising edges on the REF input. In this mode, all outputs are
three-stated and the PLL is turned off, resulting in less than
25
µA of current draw.
Multiple CY2304 devices can accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is guaranteed to be less than 500 ps.
The CY2304 is available in two different configurations, as
shown in the “Available Configurations” table. The CY2304–1
is the base part, where the output frequencies equal the
reference if there is no counter in the feedback path.
The CY2304–2 allows the user to obtain Ref and 1/2x or 2x
frequencies on each output bank. The exact configuration and
output frequencies depends on which output drives the
feedback pin.
PLL
CLKA1
CLKA2
CLKB1
REF
CLKB2
/2
Extra Divider (-2)
Logic Block Diagram
1
2
3
4
5
8
7
6
REF
CLKA1
CLKA2
GND
VDD
FBK
CLKB1
Top View
8-pin SOIC
Pin Configuration
CLKB2
FBK
Available Configurations
Device
FBK from
Bank A Frequency Bank B Frequency
CY2304-1
Bank A or B
Reference
Reference
CY2304-2
Bank A
Reference
Reference/2
CY2304-2
Bank B
2 × Reference
Reference


Similar Part No. - CY2304SI-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304SI-2 CYPRESS-CY2304SI-2 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2304SI-2T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com