Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2077FZI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2077FZI
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077FZI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2077FZI Datasheet HTML 2Page - Cypress Semiconductor CY2077FZI Datasheet HTML 3Page - Cypress Semiconductor CY2077FZI Datasheet HTML 4Page - Cypress Semiconductor CY2077FZI Datasheet HTML 5Page - Cypress Semiconductor CY2077FZI Datasheet HTML 6Page - Cypress Semiconductor CY2077FZI Datasheet HTML 7Page - Cypress Semiconductor CY2077FZI Datasheet HTML 8Page - Cypress Semiconductor CY2077FZI Datasheet HTML 9Page - Cypress Semiconductor CY2077FZI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY2077
Document Number: 38-07210 Rev. *C
Page 6 of 14
Operating Conditions for Industrial Temperature Device
Electrical Characteristics
TA = –40°C to +85°C
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
5.5
V
TA
Operating temperature, ambient
–40
+85
°C
CTTL
Max. capacitive load on outputs for TTL levels
VDD = 4.5 – 5.5V, output frequency = 1 – 40 MHz
VDD = 4.5 – 5.5V, output frequency = 40 – 125 MHz
VDD = 4.5 – 5.5V, output frequency = 125 – 133 MHz
35
15
10
pF
pF
pF
CCMOS
Max. capacitive load on outputs for CMOS levels
VDD = 4.5 – 5.5V, output frequency = 1 – 40 MHz
VDD = 4.5 – 5.5V, output frequency = 40 – 125 MHz
VDD = 4.5 – 5.5V, output frequency = 125 – 133 MHz
VDD = 3.0 – 3.6V, output frequency = 1 – 40 MHz
VDD = 3.0 – 3.6V, output frequency = 40 – 100 MHz
35
15
10
20
10
pF
pF
pF
pF
pF
XREF
Reference frequency, input crystal with Cload = 10 pF
10
30
MHz
Reference frequency, external clock source
1
75
MHz
tPU
Power up time for all VDD's to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Parameter
Description
Test Conditions
Min
Typ.
Max
Unit
VIL
Low-level input voltage
VDD = 4.5 – 5.5V
VDD = 3.0 – 3.6V
0.8
0.2VDD
V
V
VIH
High-level input voltage
VDD = 4.5 – 5.5V
VDD = 3.0 – 3.6V
2.0
0.7VDD
V
V
VOL
Low-level output voltage
VDD = 4.5 – 5.5V, IOL= 16 mA
VDD = 3.0 – 3.6V, IOL= 8 mA
0.4
0.4
V
V
VOHCMOS
High-level output voltage,
CMOS levels
VDD = 4.5 – 5.5V, IOH= –16 mA
VDD = 3.0 – 3.6V, IOH= –8 mA
VDD – 0.4
VDD – 0.4
V
V
VOHTTL
High-level output voltage,
TTL levels
VDD = 4.5 – 5.5V, IOH= –8 mA
2.4
V
IIL
Input low current
VIN = 0V
10
μA
IIH
Input high current
VIN = VDD
5
μA
IDD
Power supply current,
Unloaded
VDD = 4.5 – 5.5V, output frequency <= 133 MHz
VDD = 3.0 – 3.6V, output frequency <= 100 MHz
45
25
mA
mA
IDDS
[3]
Stand-by current
(PD = 0)
VDD = 4.5 – 5.5V
VDD = 3.0 – 3.6V
25
10
100
50
μA
RUP
Input pull up resistor
VDD = 4.5 – 5.5V, VIN = 0V
VDD = 4.5 – 5.5V, VIN = 0.7VDD
1.1
50
3.0
100
8.0
200
M
Ω
k
Ω
IOE_CLKOUT CLKOUT pull down current VDD = 5.0
20
μA
[+] Feedback


Similar Part No. - CY2077FZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077FZI CYPRESS-CY2077FZI Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
More results

Similar Description - CY2077FZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com