Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104L-ZS45XIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104L-ZS45XIT
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L-ZS45XIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104L-ZS45XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104L-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PRELIMINARY
CY14B104L, CY14B104N
4-Mbit (512K x 8/256K x 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07102 Rev. *F
Revised January 02, 2008
Features
15 ns, 25 ns, and 45 ns access times
Internally organized as 512K x 8 (CY14B104L) or 256K x 16
(CY14B104N)
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap
® nonvolatile elements initiated by
software, device pin or AutoStore® on power down
RECALL to SRAM initiated by software or power up
Infinite read, write, and recall cycles
8 mA typical ICC at 200 ns cycle time
200,000 STORE cycles to QuantumTrap
20 year data retention
Single 3V +20%, –10% operation
Commercial and industrial temperatures
FBGA and TSOP - II packages
RoHS compliance
Functional Description
The Cypress CY14B104L/CY14B104N is a fast static RAM, with
a nonvolatile element in each memory cell. The memory is
organized as 512K words of 8 bits each or 256K words of 16 bits
each.
The
embedded
nonvolatile
elements
incorporate
QuantumTrap technology, producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while independent nonvolatile data resides in the highly
reliable QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
A0 - A18
Address
WE
OE
CE
VCC
VSS
VCAP
DQ0 - DQ7
HSB
CY14B104L
BHE
BLE
Logic Block Diagram
[1]
[1]
CY14B104N
Note
1. Address A0 - A18 and Data DQ0 - DQ7 for x8 configuration, Address A0 - A17 and Data DQ0 - DQ15 for x16 configuration.
[+] Feedback


Similar Part No. - CY14B104L-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L-ZS45XIT CYPRESS-CY14B104L-ZS45XIT Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-ZS45XIT CYPRESS-CY14B104L-ZS45XIT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com