Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2303SIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2303SIT
Description  Phase-Aligned Clock Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2303SIT Datasheet HTML 1Page - Cypress Semiconductor CY2303SIT Datasheet HTML 2Page - Cypress Semiconductor CY2303SIT Datasheet HTML 3Page - Cypress Semiconductor CY2303SIT Datasheet HTML 4Page - Cypress Semiconductor CY2303SIT Datasheet HTML 5Page - Cypress Semiconductor CY2303SIT Datasheet HTML 6Page - Cypress Semiconductor CY2303SIT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY2303
Document #: 38-07249 Rev. *B
Page 4 of 7
Switching Characteristics for CY2303SI Industrial Temperature Devices
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
1/t1
Output Frequency
15-pF load
10
133.33
MHz
10-pF load
166.67
MHz
Duty Cycle[3] = t2 ÷ t1
Measured at VDD/2
40
50
60
%
t3
Rise Time[3]
Measured between 0.8V and 2.0V
1.20
ns
t4
Fall Time[3]
Measured between 0.8V and 2.0V
1.20
ns
t5
Output to Output Skew on rising
edges[3]
All outputs equally loaded
Measured at VDD/2
200
ps
t6
Delay, REFIN Rising Edge to
REF Rising Edge[3]
Measured at VDD/2 from REFIN to any
output
––
±200
ps
t7
Device to Device Skew[3]
Measured at VDD/2 on the REF pin of the
device (pin 1)
400
ps
tJ
Period Jitter[3]
Measured at Fout < 133.33 MHz, loaded
outputs, 15-pF load
–80
±175
ps
tLOCK
PLL Lock Time[3]
Stable power supply, valid clocks
presented on REFIN
––
1.0
ms
Switching Waveforms
Duty Cycle Timing
t1
t2
VDD/2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
Output-Output Skew
VDD/2
t5
OUTPUT
OUTPUT
VDD/2


Similar Part No. - CY2303SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303SXC CYPRESS-CY2303SXC Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXC CYPRESS-CY2303SXC Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
CY2303SXC CYPRESS-CY2303SXC Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
More results

Similar Description - CY2303SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303 CYPRESS-CY2303_08 Datasheet
226Kb / 7P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300 Datasheet
125Kb / 7P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_13 Datasheet
445Kb / 14P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_08 Datasheet
205Kb / 6P
   Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_12 Datasheet
394Kb / 9P
   Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_12 Datasheet
350Kb / 9P
   Phase-Aligned Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com