Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2302 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2302
Description  Frequency Multiplier and Zero Delay Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2302 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2302_05 Datasheet HTML 1Page - Cypress Semiconductor CY2302_05 Datasheet HTML 2Page - Cypress Semiconductor CY2302_05 Datasheet HTML 3Page - Cypress Semiconductor CY2302_05 Datasheet HTML 4Page - Cypress Semiconductor CY2302_05 Datasheet HTML 5Page - Cypress Semiconductor CY2302_05 Datasheet HTML 6Page - Cypress Semiconductor CY2302_05 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY2302
Document #: 38-07154 Rev. *A
Page 6 of 7
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Ordering Information
Ordering Code
Package Type
Temperature Grade
CY2302SC-1
8 pin SOIC
Commercial
CY2302SC-1T
8 pin SOIC - Tape and Reel
Commercial
CY2302SI-1
8 pin SOIC
Industrial
CY2302SI-1T
8 pin SOIC - Tape and Reel
Industrial
Lead-free
CY2302SXC-1
8 pin SOIC
Commercial
CY2302SXC-1T
8 pin SOIC - Tape and Reel
Commercial
CY2302SXI-1
8 pin SOIC
Industrial
CY2302SXI-1T
8 pin SOIC - Tape and Reel
Industrial
Package Diagram
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN 1 ID IS OPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
8 Lead (150 Mil) SOIC - S08
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
8-lead (150-Mil) SOIC S8
51-85066-*C


Similar Part No. - CY2302_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2302-01SC CYPRESS-CY2302-01SC Datasheet
103Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
CY2302-01SI CYPRESS-CY2302-01SI Datasheet
103Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
More results

Similar Description - CY2302_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
   Frequency Multiplier and Zero Delay Buffer
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
   MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
   Multiplier and Zero Delay Buffer
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
   MULTIPLIER AND ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
logo
Cypress Semiconductor
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com