Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2077SI-XXXT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2077SI-XXXT
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077SI-XXXT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2077SI-XXXT Datasheet HTML 1Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 2Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY2077SI-XXXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY2077
Document Number: 38-07210 Rev. *C
Page 2 of 14
Pin Configuration
Figure 1. Pin Diagram - 8 Pin Top View
Functional Description
CY2077
is
an
EPROM-programmable,
high-accuracy,
general-purpose, PLL-based design for use in applications such
as modems, disk drives, CD-ROM drives, video CD players,
DVD players, games, set-top boxes, and data/telecommunica-
tions.
CY2077 can generate a clock output up to 133 MHz at 5V or 100
MHz at 3.3V. It has been designed to give the customer a very
accurate and stable clock frequency with little to zero PPM error.
CY2077 contains a 12-bit feedback counter divider and 10-bit
reference counter divider to obtain a very high resolution to meet
the needs of stringent design specifications. Furthermore, there
are eight output divide options of /1, /2, /4, /8, /16, /32, /64, and
/128. The output divider can select between the PLL and crystal
oscillator output/external clock, providing a total of 16 different
options to add more flexibility in designs. TTL or CMOS duty
cycles can be selected.
Power management with the CY2077 is also very flexible. The
user can choose either a PWR_DWN, or an OE feature with
which both have integrated pull up resistors. PWR_DWN and OE
signals can be programmed to have asynchronous and
synchronous timing with respect to the output signal. There is a
weak pull down on the output that pulls CLKOUT LOW when
either the PWR_DWN or OE signal is active. This weak pull down
can easily be overridden by another clock signal in designs
where multiple clock signals share a signal path.
Multiple options for output selection, better power distribution
layout, and controlled rise and fall times enable the CY2077 to
be used in applications that require low jitter and accurate
reference frequencies.
EPROM Configuration Block
Table 2. EPROM Adjustable Features
PLL Output Frequency
CY2077 contains a high-resolution PLL with 12-bit multiplier and
10-bit divider.[2] The output frequency of the PLL is determined
by the following formula:
where P is the feedback counter value and Q is the reference
counter value. P and Q are EPROM programmable values.
The calculation of P and Q values for a given PLL output
frequency is handled by the CyberClocks
™ software. Refer to
““Programming Procedures” on page 12” for details.
1
2
3
4
5
8
7
6
VDD
XTALOUT
XTALIN
PD/OE
VSS
CLKOUT
VSS
VSS
Table 1. Pin Definition - 8 Pin
Pin Name
Pin #
Pin Description
VDD
1
Voltage supply
VSS
5,6,7
Ground (all the pins must be grounded)
XD
2
Crystal output (leave this pin floating when external reference is used)
XG
3
Crystal input or external input reference
PWR_DWN / OE
4
EPROM programmable power down or output enable pin. Weak pull up
CLKOUT
8
Clock output. Weak pull down
EPROM Adjustable Features
Adjust
Freq.
Feedback counter value (P)
Reference counter value (Q)
Output divider selection
Duty cycle levels (TTL or CMOS)
Power management mode (OE or PWR_DWN)
Power management timing (synchronous or asynchronous)
F
PLL
2P
5
+
()
Q2
+
()
---------------------------
F
REF
=
Note
2. When using CyClocks, note that the PLL frequency range is from 50 MHz to 250 MHz for 5V VDD supply, and 50 MHz to 180 MHz for 3V VDD supply. The output
frequency is determined by the selected output divider.
[+] Feedback


Similar Part No. - CY2077SI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077SI CYPRESS-CY2077SI Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
More results

Similar Description - CY2077SI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077 CYPRESS-CY2077 Datasheet
276Kb / 13P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com