Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY2291 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY2291
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2291 Datasheet(HTML) 1 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Three-PLL General Purpose
EPROM Programmable Clock Generator
CY2291
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07189 Rev. *A
Revised December 14, 2002
5
Features
Benefits
Three integrated phase-locked loops
Generates up to 3 custom frequencies from external sources
EPROM programmability
Easy customization and fast turnaround
Factory-programmable (CY2291) or field-programmable
(CY2291F) device options
Programming support available for all opportunities
Low-skew, low-jitter, high-accuracy outputs
Meets critical industry standard timing requirements
Power-management options (Shutdown, OE, Suspend)
Supports low-power applications
Frequency select option
8 user-selectable frequencies on CPU PLL
Smooth slewing on CPUCLK
Allows downstream PLLs to stay locked on CPUCLK output
Configurable 3.3V or 5V operation
Enables application compatibility
20-pin SOIC Package
Industry-standard packaging saves on board space
Selector Guide
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY2291
8
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–100 MHz (5V)
76.923 kHz–80 MHz (3.3V)
Factory Programmable
Commercial Temperature
CY2291I
8
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–90 MHz (5V)
76.923 kHz–66.6 MHz (3.3V)
Factory Programmable
Industrial Temperature
CY2291F
8
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–90 MHz (5V)
76.923 kHz–66.6 MHz (3.3V)
Field Programmable
Commercial Temperature
CY2291FI
8
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–80 MHz (5V)
76.923 kHz–60.0 MHz (3.3V)
Field Programmable
Industrial Temperature
Logic Block Diagram
32XIN
32XOUT
XTALIN
XTALOUT
S2/SUSPEND
S1
S0
SHUTDOWN/
32K
CONFIG
EPROM
OSC.
XBUF
CPLL
SPLL
UPLL
OSC.
CPUCLK
CLKA
CLKB
CLKC
CLKD
OE
CLKF
/1,2,4
/1,2,3,4,5,6
/8,10,12,13
/20,24,26,40
/48,52,96,104
/2,3,4
/1,2,4,8
(8 BIT)
(8 BIT)
(10 BIT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn