Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY2291 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. CY2291
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2291 Datasheet(HTML) 5 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY2291
Document #: 38-07189 Rev. *A
Page 5 of 14
Electrical Characteristics, Commercial 3.3V
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage IOH = 4.0 mA
2.4
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
0.4
V
VOH–32
32.768-kHz HIGH-Level
Output Voltage
IOH = 0.5 mA
VBATT
0.5
V
VOL–32
32.768-kHz LOW-Level
Output Voltage
IOL = 0.5 mA
0.4
V
VIH
HIGH-Level Input Voltage[9] Except crystal pins
2.0
V
VIL
LOW-Level Input Voltage[9]
Except crystal pins
0.8
V
IIH
Input HIGH Current
VIN = VDD–0.5V
<1
10
µA
IIL
Input LOW Current
VIN = +0.5V
<1
10
µA
IOZ
Output Leakage Current
Three-state outputs
250
µA
IDD
VDD Supply Current
[10]
Commercial
VDD = VDD Max., 3.3V operation
50
65
mA
IDDS
VDD Power Supply Current
in Shutdown Mode[10]
Shutdown active,
excluding VBATT
CY2291/CY2291F
10
50
µA
IBATT
VBATT Power Supply
Current
VBATT = 3.0V
5
15
µA
Electrical Characteristics, Industrial 5.0V
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = 4.0 mA
2.4
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
0.4
V
VOH–32
32.768-kHz HIGH-Level
Output Voltage
IOH = 0.5 mA
VBATT
0.5
V
VOL–32
32.768-kHz LOW-Level
Output Voltage
IOL = 0.5 mA
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except crystal pins
2.0
V
VIL
LOW-Level Input Voltage[9]
Except crystal pins
0.8
V
IIH
Input HIGH Current
VIN = VDD–0.5V
< 1
10
µA
IIL
Input LOW Current
VIN = +0.5V
< 1
10
µA
IOZ
Output Leakage Current
Three-state outputs
250
µA
IDD
VDD Supply Current
[10]
Industrial
VDD = VDD Max., 5V operation
75
110
mA
IDDS
VDD Power Supply Current
in Shutdown Mode[10]
Shutdown active,
excluding VBATT
CY2291I/CY2291FI
10
100
µA
IBATT
VBATT Power Supply Current VBATT = 3.0V
5
15
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn