Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27EE16FZEC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY27EE16FZEC
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZEC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY27EE16FZEC Datasheet HTML 1Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 2Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 3Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 4Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 5Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 6Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 7Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZEC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 4 of 17
CY27EE16ZE Frequency Calculation and
Register Definitions
The CY27EE16ZE is an extremely flexible clock generator
with four basic variables that can be used to determine the final
output frequency. They are the input reference frequency
(REF), the internally calculated P and Q dividers, and the post
divider, which can be a fixed or calculated value. There are
three basic formulas for determining the final output frequency
of a CY27EE16ZE-based design. Any one of these three
formulas may be used:
CLK = ((REF * P)/Q)/Post Divider
CLK = REF/Post Divider
CLK = REF
The basic PLL block diagram is shown in Figure 2. Each of the
six clock outputs on the CY27EE16ZE has a total of seven
output options available to it. There are six post divider options
available: /2 (two of these), /3, /4, /DIV1N and /DIV2N. DIV1N
and DIV2N are independently calculated and are applied to
individual output groups. The post divider options can be
applied to the calculated VCO frequency ((REF*P)/Q) or to the
reference frequency directly.
In addition to the six post divider output options, the seventh
option bypasses the PLL and passes the reference frequency
directly to the crosspoint switch matrix.
Table 1. Summary Table – CY27EE16ZE Programmable Registers
Register Description
D7D6D5D4D3D2D1D0
09H
CLKOE control
0
CLOCK6
CLOCK5
0
CLOCK4
CLOCK3
CLOCK2
CLOCK1
OCH
DIV1SRC mux and
DIV1N divider
DIV1SRC DIV1N(6) DIV1N(5) DIV1N(4) DIV1N(3) DIV1N(2) DIV1N(1) DIV1N(0)
10H
Input Pin Control
Registers
OESrc
OE0PadS
el[1]
OE0PadS
el[0]
OE1PadS
el[1]
OE1PadS
el[0]
PDMEna-
ble
PDMPad-
Sel[1]
PDMPad-
Sel[0]
11H
Write Protect
Registers
MemWP
WPSrc
WPPad-
Sel[2]
WPPad-
Sel[1]
WPPad-
Sel[0]
12H
Input crystal oscillator
drive control
FTAAd-
drSrc(1)
default=0
FTAAd-
drSrc(0)
default=0
XCapSrc
default=1
XDRV(1)
XDRV(0)
0
0
0
13H
Input load capacitor
control
Cap-
Load(7)
Cap-
Load(6)
Cap-
Load(5)
Cap-
Load(4)
Cap-
Load(3)
Cap-
Load(2)
Cap-
Load(1)
Cap-
Load(0)
14H
ADC Register
ADCEn-
able
AD-
CBypCnt
ADC-
Cnt[2]
ADC-
Cnt[1]
ADC-
Cnt[0]
ADCFilt[1] ADCFilt[0]
0
40H
Charge Pump and PB
counter
1
1
0
Pump(2)
Pump(1)
Pump(0)
PB(9)
PB(8)
41H
PB(7)
PB(6)
PB(5)
PB(4)
PB(3)
PB(2)
PB(1)
PB(0)
42H
PO counter, Q
counter
PO
Q(6)
Q(5)
Q(4)
Q(3)
Q(2)
Q(1)
Q(0)
44H
Crosspoint switch
matrix control
CLKSRC2
for
CLOCK1
CLKSRC1
for
CLOCK1
CLKSRC0
for
CLOCK1
CLKSRC2
for
CLOCK2
CLKSRC1
for
CLOCK2
CLKSRC0
for
CLOCK2
CLKSRC2
for
CLOCK3
CLKSRC1
for
CLOCK3
45H
CLKSRC0
for
CLOCK3
CLKSRC2
for
CLOCK4
CLKSRC1
for
CLOCK4
CLKSRC0
for
CLOCK4
111
CLKSRC2
for
CLOCK5
46H
CLKSRC1
for
CLOCK5
CLKSRC0
for
CLOCK5
CLKSRC2
for
CLOCK6
CLKSRC1
for
CLOCK6
CLKSRC0
for
CLOCK6
111
47H
DIV2SRC mux and
DIV2N divider
DIV2SRC DIV2N(6) DIV2N(5) DIV2N(4) DIV2N(3) DIV2N(2) DIV2N(1) DIV2N(0)


Similar Part No. - CY27EE16FZEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16FZEC CYPRESS-CY27EE16FZEC Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZECT CYPRESS-CY27EE16FZECT Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
More results

Similar Description - CY27EE16FZEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16ZE CYPRESS-CY27EE16ZE Datasheet
163Kb / 17P
   1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY22701 CYPRESS-CY22701 Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com