Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY241V8A-01 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY241V8A-01
Description  MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY241V8A-01 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY241V8A-01 Datasheet HTML 1Page - Cypress Semiconductor CY241V8A-01 Datasheet HTML 2Page - Cypress Semiconductor CY241V8A-01 Datasheet HTML 3Page - Cypress Semiconductor CY241V8A-01 Datasheet HTML 4Page - Cypress Semiconductor CY241V8A-01 Datasheet HTML 5Page - Cypress Semiconductor CY241V8A-01 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY241V08A-01,04
CY241V8A-01
Document #: 38-07656 Rev. *C
Page 3 of 6
Absolute Maximum Conditions
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage (VDD) ........................................–0.5 to +7.0V
DC Input Voltage ...................................... –0.5V to VDD + 0.5
Storage Temperature (Non-condensing) .... –55
°C to +125°C
Junction Temperature ................................ –40
°C to +125°C
Data Retention @ Tj = 125
°C................................> 10 years
Package Power Dissipation...................................... 350 mW
ESD (Human Body Model) MIL-STD-883................. > 2000V
Pullable Crystal Specifications[1]
Parameter
Description
Comments
Min.
Typ.
Max.
Unit
FNOM
Nominal crystal frequency
Parallel resonance, fundamental mode,
AT cut
13.5
MHz
CLNOM
Nominal load capacitance
14
pF
R1
Equivalent series resistance (ESR) Fundamental mode
25
R3/R1
Ratio of third overtone mode ESR
to fundamental mode ESR
Ratio used because typical R1 values
are much less than the maximum spec
3–
DL
Crystal drive level
No external series resistor assumed
150
µW
F3SEPHI
Third overtone separation from
3*FNOM
High side
300
ppm
F3SEPLO
Third overtone separation from
3*FNOM
Low side
–150
ppm
C0
Crystal shunt capacitance
7
pF
C0/C1
Ratio of shunt to motional capaci-
tance
180
250
C1
Crystal motional capacitance
14.4
18
21.6
fF
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
0
70
°C
CLOAD
Max. Load Capacitance
15
pF
tPU
Power-up time for all VDD pins to reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output HIGH Current
VOH = VDD – 0.5V, VDD = 3.3V
12
24
mA
IOL
Output LOW Current
VOL = 0.5V, VDD = 3.3V
12
24
mA
CIN
Input Capacitance
Except XIN, XOUT pins
7
pF
VVCXO
VCXO Input Range
0
VDD
V
f∆XO
[2]
VCXO Pullability Range
Low Side
–115
ppm
High Side
115
ppm
IVDD
Supply Current
30
35
mA
Notes:
1. Crystals that meet this specification includes: Ecliptek ECX-5788-13.500M,Siward XTL001050A-13.5-14-400, Raltron A-13.500-14-CL,PDI
HA13500XFSA14XC.
2. –115/+115 ppm assumes 2.5pF of additional board level load capacitance. This range will be shifted down with more board capacitance or shifted up with less
board capacitance.


Similar Part No. - CY241V8A-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
   Integrated phase locked loop (PLL)
More results

Similar Description - CY241V8A-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com