Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480ZXC-1T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28RS480ZXC-1T
Description  Clock Generator for ATI RS480 Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480ZXC-1T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28RS480ZXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 9Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 10Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 11Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 12Page - Cypress Semiconductor CY28RS480ZXC-1T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PRELIMINARY
CY28RS480-1
Document #: 38-07714 Rev. *C
Page 9 of 16
CLK_STOP
When CLK_STOP is sampled HIGH by two consecutive rising
edges of CPUC, all single-ended outputs must be held LOW
on their next HIGH-to-LOW transition and differential clocks
must held LOW on the next diff clock# HIGH-to-LOW
transition. This diagram and description is applicable to valid
CPU frequencies
.
CLK_STOP
USB, 48MHz
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
Figure 4. CLK_STOP Assertion Timing Waveform
CPU_CLOCK
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
SRCT 100MHz
Tstable
< 2
REFCLK
PCI, 33MHz
REF
Tdrive_PWRDN#
<300
µS, >200mV
Figure 5. CLK_STOP Deassertion Timing Waveform


Similar Part No. - CY28RS480ZXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480ZXC CYPRESS-CY28RS480ZXC Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480ZXC SPECTRALINEAR-CY28RS480ZXC Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480ZXCT CYPRESS-CY28RS480ZXCT Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480ZXCT SPECTRALINEAR-CY28RS480ZXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXC-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com