Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23S08SI-1H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23S08SI-1H
Description  3.3V Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SI-1H Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23S08SI-1H Datasheet HTML 1Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 2Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 3Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 4Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 5Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 6Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 7Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 8Page - Cypress Semiconductor CY23S08SI-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *G
Page 4 of 10
Maximum Ratings
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage (Except Ref) .............. –0.5V to VDD + 0.5V
DC Input Voltage REF ........................................... –0.5 to 7V
Storage Temperature ................................. –65°C to +150°C
Max. Soldering Temperature (10 sec.) ....................... 260°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Operating Conditions for CY23S08SC-XX Commercial Temperature Devices
Parameter[5]
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100 MHz
30
pF
Load Capacitance, from 100 MHz to 133 MHz
15
pF
CIN
Input Capacitance[6]
—7
pF
Electrical Characteristics for CY23S08SC-XX Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
μA
IIH
Input HIGH Current
VIN = VDD
100.0
μA
VOL
Output LOW Voltage[7]
IOL = 8 mA (–1, –2, –3, –4)
IOL = 12 mA (-1H, -2H)
—0.4
V
VOH
Output HIGH Voltage[7]
IOH = –8 mA (–1, –2, –3, –4)
IOH = –12 mA (–1H, –2H)
2.4
V
IDD (PD mode)
Power down Supply Current REF = 0 MHz
12.0
μA
IDD
Supply Current
Unloaded outputs, 100-MHz REF,
Select inputs at VDD or GND
45.0
mA
70.0
(–1H, –2H)
mA
Unloaded outputs, 66-MHz REF
(–1,–2,–3,–4)
32.0
mA
Unloaded outputs, 33-MHz REF
(–1,–2,–3,–4)
18.0
mA
Switching Characteristics for CY23S08SC-XX Commercial Temperature Devices
Parameter[8]
Name
Test Conditions
Min
Typ.
Max
Unit
t1
Output Frequency
30-pF load, –1, –1H, –2, –3 devices
10
100
MHz
t1
Output Frequency
30-pF load, –4 devices
15
100
MHz
t1
Output Frequency
20-pF load, –1H device
10
133.3
MHz
t1
Output Frequency
15-pF load, –1, –2, –3, devices
10
140.0
MHz
t1
Output Frequency
15-pF load, –4 devices
15
140.0
MHz
Duty Cycle[7] = t2 ÷ t1
(–1,–2,–3,–4,–1H, -2H)
Measured at VDD/2, FOUT = 66.66 MHz
30-pF load
40.0
50.0
60.0
%
Duty Cycle[7] = t2 ÷ t1
(–1,–2,–3,–4,–1H, -2H)
Measured at VDD/2, FOUT <66.66 MHz
15-pF load
45.0
50.0
55.0
%
Notes
5. Multiple Supplies: The voltage on any input or IO pin cannot exceed the power pin during power up. Power supply sequencing is NOT required.
6. Applies to both Ref Clock and FBK.
7. Parameter is guaranteed by design and characterization. Not 100% tested in production.
8. All parameters are specified with loaded outputs.
[+] Feedback


Similar Part No. - CY23S08SI-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08SI-1H CYPRESS-CY23S08SI-1H Datasheet
382Kb / 10P
   3.3V Zero Delay Buffer
CY23S08SI-1HT CYPRESS-CY23S08SI-1HT Datasheet
382Kb / 10P
   3.3V Zero Delay Buffer
More results

Similar Description - CY23S08SI-1H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com