Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22E016L-SZ45XC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22E016L-SZ45XC
Description  16 Kbit (2K x 8) nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22E016L-SZ45XC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY22E016L-SZ45XC Datasheet HTML 5Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 6Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 7Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 8Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 9Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 10Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 11Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 12Page - Cypress Semiconductor CY22E016L-SZ45XC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY22E016L
Document Number: 001-06727 Rev. *D
Page 9 of 14
Hardware STORE Cycle
Parameter
Description
CY22E016L
Unit
Min
Max
tSTORE
[6]
STORE Cycle Duration
10
ms
tDELAY
[10]
Time Allowed to Complete SRAM Cycle
1
ms
tRESTORE
[11]
Hardware STORE High to Inhibit Off
700
ns
tHLHX
Hardware STORE Pulse Width
15
ns
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Switching Waveforms
Figure 6. SRAM Read Cycle Number 1: Address Controlled [3, 5, 12]
Figure 7. SRAM Read Cycle Number 2: CE Controlled [3,12]
tRC
tAA
tOH
ADDRESS
DQ (DATA OUT)
DATA VALID
ADDRESS
tRC
CE
tACE
tLZCE
tPD
tHZCE
OE
tDOE
tLZOE
tHZOE
DATA VALID
ACTIVE
STANDBY
tPU
DQ (DATA OUT)
ICC
Notes
10. Read and Write cycles in progress before HSB are given this amount of time to complete.
11. tRESTOREis only applicable after tSTORE is complete.
12. HSB must remain HIGH during READ and WRITE cycles.
[+] Feedback


Similar Part No. - CY22E016L-SZ45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L-SZ45XCT CYPRESS-CY22E016L-SZ45XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
More results

Similar Description - CY22E016L-SZ45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com