Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FS08-04 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23FS08-04
Description  FailSafe??1.8V Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08-04 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY23FS08-04 Datasheet HTML 3Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 4Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 5Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 6Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 7Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 8Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 9Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 10Page - Cypress Semiconductor CY23FS08-04 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY23FS08-04
Document Number: 001-17042 Rev. **
Page 9 of 11
Table 6. Switching Characteristics for FailSafe Industrial Temperature Devices
Parameter [5]
Description
Test Conditions
Min
Typ
Max
Unit
fREF
Reference Frequency
Industrial Grade
1.0
4.1
MHz
fOUT
Output Frequency
15 pF Load
1.0
133
MHz
fXIN
DCXO Frequency
15
25
MHz
tDC
Duty Cycle
Measured at VDD/2
40
60
%
tSR(I)
Input Slew Rate
Measured on REF1 Input, 30% to 70% of VDD
0.5
4.0
V/ns
tSR(O)
Output Slew Rate
Measured from 20% to 80% of VDD = 1.8V, 15 pF Load
0.3
3.0
V/ns
tSK(O)
Output to Output Skew
All outputs equally loaded, measured at VDD/2
110
200
ps
tSK(IB)
Intrabank Skew
All outputs equally loaded, measured at VDD/2
75
ps
t(φ)
[4]
Static Phase Offset
Measured at VDD/2
250
ps
tD(φ)
[4]
Dynamic Phase Offset
Measured at VDD/2
150
200
ps
tJ(CC)
Cycle-to-Cycle Jitter
Load = 15 pF, fOUT ≥ 6.25 MHz
200
250
ps
–18
46
psRMS
Table 7. Pullable Crystal Specifications
Parameter
Description
Min
Typ
Max
Unit
CR load
Crystal Load Capacitance
16
pF
C0 / C1
C0 / C1 Ratio
240
ESR
Equivalent Series Resistance
50
Ω
Notes
4. The
t(φ) reference feedback input delay is guaranteed for a maximum 4:1 input edge ratio between the two signals as long as tSR(I) is maintained.
5. Parameters are guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY23FS08-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08OC CYPRESS-CY23FS08OC Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08OC CYPRESS-CY23FS08OC Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
More results

Similar Description - CY23FS08-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08_06 Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS04-2 CYPRESS-CY23FS04-2 Datasheet
374Kb / 12P
   Failsafe??2.5V/3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04 Datasheet
216Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04_05 Datasheet
215Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
217Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com