Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12OC-002T Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23FP12OC-002T
Description  200-MHz Field Programmable Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12OC-002T Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23FP12OC-002T Datasheet HTML 2Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 3Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 4Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 5Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 6Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 7Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 8Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 9Page - Cypress Semiconductor CY23FP12OC-002T Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY23FP12-002
Document #: 38-07644 Rev. **
Page 7 of 10
Switching Characteristics for CY23FP12-002SC/I [5]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Reference Frequency[6]
10
200
MHz
Reference Edge Rate
1
V/ns
Reference Duty Cycle
25
75
%
t1
Output Frequency[7]
CL = 15 pF, Commercial Temperature
10
200
MHz
CL = 15 pF, Industrial Temperature
10
166.7
CL = 30 pF, Commercial Temperature
10
100
CL = 30 pF, Industrial Temperature
10
83.3
Duty Cycle[5]
VDDA/B = 3.3V, measured at VDD/2
45.0
50.0
55.0
%
VDDA/B = 2.5V
40.0
50.0
60.0
t3
Rise Time[5]
VDDA/B = 3.3V, 0.8V to 2.0V,
CL = 30 pF (standard drive and high drive)
1.6
ns
VDDA/B = 3.3V, 0.8V to 2.0V,
CL = 15 pF (standard drive and high drive)
0.8
VDDA/B = 2.5V, 0.6V to 1.8V,
CL = 30 pF (high drive only)
2.0
VDDA/B = 2.5V, 0.6V to 1.8V,
CL = 15 pF (high drive only)
1.0
t4
Fall Time[5]
VDDA/B = 3.3V, 0.8V to 2.0V,
CL = 30 pF (standard drive and high drive)
1.6
ns
VDDA/B = 3.3V, 0.8V to 2.0V,
CL = 15 pF (standard drive and high drive)
0.8
VDDA/B = 2.5V, 0.6V to 1.8V,
CL = 30 pF (high drive only)
1.6
VDDA/B = 2.5V, 0.6V to 1.8V,
CL = 15 pF (high drive only)
0.8
TTB
Total Timing Budget,[8,9]
Bank A and B same
frequency
Outputs @200 MHz, tracking skew not
included
650
ps
Total Timing Budget, Bank
A and B different frequency
850
t5
Output to Output Skew[5]
All outputs equally loaded
200
ps
Bank to Bank Skew
Same frequency
200
Bank to Bank Skew
Different frequency
400
Bank to Bank Skew
Different voltage, same frequency
400
t6
Input to Output Skew (static
phase offset)[5]
Measured at VDD/2, REF to FBK
0
250
ps
t7
Device to Device Skew[5]
Measured at VDD/2
0
500
ps
tJ
Cycle to Cycle Jitter[5]
(Peak-to-peak)
Bank A and B same frequency
200
ps
Cycle to Cycle Jitter[5]
(Peak-to-peak)
Bank A and B different frequency
400
Notes:
5.
All parameters are specified with loaded outputs.
6.
When the device is configured as a non-PLL fanout buffer (PLL Power-down enabled), the reference frequency can be lower than 10MHz. With auto power-
down disabled and PLL power-down enabled, the reference frequency can be as low as DC level.
7.
When the device is configured as a non-PLL fanout buffer (PLL Power-down enabled), the output frequency can be lower than 10MHz. With auto power-down
disabled and PLL power-down enabled, the output frequency can be as low as DC level.
8.
Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters.
9.
TTB is the window between the earliest and the latest output clocks with respect to the input reference clock across variations in output frequency, supply
voltage, operating temperature, input clock edge rate, and process. The measurements are taken with the AC test load specified and include output-output
skew, cycle-cycle jitter, and dynamic phase error.TTB will be equal to or smaller than the maximum specified value at a given frequency.


Similar Part No. - CY23FP12OC-002T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12OC CYPRESS-CY23FP12OC Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12OCT CYPRESS-CY23FP12OCT Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12OC-002T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com