Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22E016L Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22E016L
Description  16 Kbit (2K x 8) nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22E016L Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY22E016L Datasheet HTML 4Page - Cypress Semiconductor CY22E016L Datasheet HTML 5Page - Cypress Semiconductor CY22E016L Datasheet HTML 6Page - Cypress Semiconductor CY22E016L Datasheet HTML 7Page - Cypress Semiconductor CY22E016L Datasheet HTML 8Page - Cypress Semiconductor CY22E016L Datasheet HTML 9Page - Cypress Semiconductor CY22E016L Datasheet HTML 10Page - Cypress Semiconductor CY22E016L Datasheet HTML 11Page - Cypress Semiconductor CY22E016L Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY22E016L
Document Number: 001-06727 Rev. *D
Page 8 of 14
AC Switching Characteristics
Parameter
Description
25 ns Part
35 ns Part
45 ns Part
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt.
Parameter
SRAM Read Cycle
tACE
tACS
Chip Enable Access Time
25
35
45
ns
tRC
[4]
tRC
Read Cycle Time
25
35
45
ns
tAA
[5]
tAA
Address Access Time
25
35
45
ns
tDOE
tOE
Output Enable to Data Valid
10
15
20
ns
tOHA
[5]
tOH
Output Hold After Address Change
5
5
5
ns
tLZCE
[6]
tLZ
Chip Enable to Output Active
5
5
5
ns
tHZCE
[6]
tHZ
Chip Disable to Output Inactive
10
13
15
ns
tLZOE
[6]
tOLZ
Output Enable to Output Active
0
0
0
ns
tHZOE
[6]
tOHZ
Output Disable to Output Inactive
10
13
15
ns
tPU
[3]
tPA
Chip Enable to Power Active
0
0
0
ns
tPD
[ 3]
tPS
Chip Disable to Power Standby
25
35
45
ns
SRAM Write Cycle
tWC
tWC
Write Cycle Time
25
35
45
ns
tPWE
tWP
Write Pulse Width
20
25
30
ns
tSCE
tCW
Chip Enable to End of Write
20
25
30
ns
tSD
tDW
Data Setup to End of Write
10
12
15
ns
tHD
tDH
Data Hold After End of Write
0
0
0
ns
tAW
tAW
Address Setup to End of Write
20
25
30
ns
tSA
tAS
Address Setup to Start of Write
0
0
0
ns
tHA
tWR
Address Hold After End of Write
0
0
0
ns
tHZWE
[6,7]
tWZ
Write Enable to Output Disable
10
13
14
ns
tLZWE
[6]
tOW
Output Active After End of Write
5
5
5
ns
AutoStore Power Up RECALL
Parameter
Description
CY22E016L
Unit
Min
Max
tHRECALL
[8]
Power up RECALL Duration
550
μs
tSTORE
[9]
STORE Cycle Duration
10
ms
tDELAY
Time Allowed to Complete SRAM Cycle
1
μs
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
VRESET
Low Voltage Reset Level
3.6
V
Notes
3. These parameters are guaranteed but not tested.
4. IWE must be HIGH during SRAM Read Cycles.
5. Device is continuously selected with CE and OE both Low.
6. Measured ±200 mV from steady state output voltage.
7. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
8. tHRECALL starts from the time VCC rises above VSWITCH.
9. If an SRAM Write has not taken place since the last non-volatile cycle, no STORE will take place
[+] Feedback


Similar Part No. - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ25XCT CYPRESS-CY22E016L-SZ25XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ35XCT CYPRESS-CY22E016L-SZ35XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ35XIT CYPRESS-CY22E016L-SZ35XIT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L-SZ45XCT CYPRESS-CY22E016L-SZ45XCT Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
More results

Similar Description - CY22E016L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com