Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CD74HCT40103M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. CD74HCT40103M
Description  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CD74HCT40103M Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MR Pulse Width
tW
2
125
-
-
135
-
190
-
ns
4.5
25
-
-
31
-
38
-
ns
6
21-
-26-32
-
ns
CP Max. Frequency
(Note 3)
fCP(MAX)
2
3
-
-
2-2-
MHz
4.5
15
-
-
12
-
10
-
MHz
6
18
-
-
14
-
12
-
MHz
P to CP Set-up Time
tSU
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17-
-21-26
-
ns
PE to CP Set-up Time
tSU
2
75-
-95-
110
-
ns
4.5
15
-
-
19
-
22
-
ns
6
13-
-16-19
-
ns
TE to CP Set-up Time
tSU
2
150
-
-
190
-
225
-
ns
4.5
30
-
-
38
-
45
-
ns
6
26-
-33-38
-
ns
P to CP Hold Time
tH
2
5
-
-
5-5-
ns
4.5
5-
-5-5-
ns
6
5
-
-
5-5-
ns
TE to CP Hold Time
tH
2
0
-
-
0-0-
ns
4.5
0-
-0-0-
ns
6
0
-
-
0-0-
ns
MR to CP Removal Time
tREM
2
50-
-65-75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
PE to CP Hold Time
tH
2
2
-
-
2-2-
ns
4.5
2-
-2-2-
ns
6
2
-
-
2-2-
ns
HCT TYPES
CP Pulse Width
tW
4.5
35
-
-
44
-
53
-
ns
PL Pulse Width
tW
4.5
43
-
-
54
-
65
-
ns
MR Pulse Width
tW
4.5
35
-
-
44
-
53
-
ns
CP Max. Frequency
(Note 3)
fCP(MAX)
4.5
14
-
-
11
-
9
-
MHz
P to CP Set-up Time
tSU
4.5
24
-
-
30
-
36
-
ns
PE to CP Set-up Time
tSU
4.5
20
-
-
25
-
30
-
ns
TE to CP Set-up Time
tSU
4.5
40
-
-
50
-
60
-
ns
P to CP Hold Time
tH
4.5
5-
-5-5-
ns
TE to CP Hold Time
tH
4.5
0-
-0-0-
ns
MR to CP Removal Time
tREM
4.5
10
-
-
13
-
15
-
ns
PE to CP Hold Time
tH
4.5
2
-
-
2
-
2
-
ns
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC40103, CD74HC40103, CD74HCT40103


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn