Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C41000-24LFXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C41000-24LFXI
Description  Linear Power PSoC??Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C41000-24LFXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C41000-24LFXI Datasheet HTML 1Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 2Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 3Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8C41000-24LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PRELIMINARY
Linear Power PSoC™ Devices
CY8C41123 and CY8C41223
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134
408.943.2600
Document 001-00360 Rev. *A
Revised November 17, 2005
1.0 Features
1.1
Key Features
• Extended Operating Voltage of 2.5V to 36V
• 2 HV Linear Opamp Control Loops for Driving Power PFETs
• 2 HV Analog Sense Inputs
• 4KB of Flash
• 256 Bytes of SRAM
1.2
Improved Features
• Very Low Current Mode for 100 nA Sleep (Deep Sleep)
• Analog Absolute Accuracy (0.75%)
• Additional Flexibility for Sleep Modes
• 2 Comparators with DAC References
• 6- to 12-Bit ADC (20 Ksps at 8 Bits)
• Configurable Analog Mux, 10:1 or 5:2 Differential
• Configurable Digital Blocks
— 8- to 16-Bit Timers and Counters
— Connectable to All GPIO Pins
— Digital Blocks can Drive Outputs to 36V
— Complex Peripherals by Combining Blocks
1.3
Applications
• Battery Chargers (Linear or Fly Back)
• White LED Drivers
• Temperature Sensor (Thermistor, Thermocouple)
2.0
Block Diagram
Figure 2-1. Block Diagram
DIGITAL SYSTEM
1DigitalRow
System Bus
SYSTEMRESOURCES
PSoCCORE
M8CCPU
256BSRAM
4KBFlash
GDO1
HVdd
POR andLVD
SystemResets
InterruptController
DigitalPSoC BlockArray
DBC00
DBC01
DBD02
DBD03
PSoCCORE
Internal
Voltage
Reference
LowSpeed
Oscillator
I2C
Digital
Clocks
Internal
Main
Oscillator
GlobalDigitalInterconnectBus
Atten0
Atten1
AMuxBus0
AMuxBus1
AMuxBus2
AMuxBus3
P0[6]
P0[4]
P0[2]
P0[0]
P1[0]
P0[7]
P0[5]
P0[3]
P0[1]
P1[1]
ODAC0
ODAC1
VDAC0
ODAC0
VBG
IBIAS
VDAC0
VDAC1
ODAC1
VDAC1
VS1
GDO0
VS0
InternalVdd
ANALOG and HIGH VOLTAGE
SECTIONS
LowDrop-Out
Regulator
COMP1
COMP0
SleepandWatchdog
Analogto
Digital
Convertor


Similar Part No. - CY8C41000-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4124AXI-443 CYPRESS-CY8C4124AXI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124AXQ-443 CYPRESS-CY8C4124AXQ-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124AZI-443 CYPRESS-CY8C4124AZI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124FNI-443 CYPRESS-CY8C4124FNI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124LQI-443 CYPRESS-CY8C4124LQI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C41000-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C42123 CYPRESS-CY8C42123 Datasheet
959Kb / 42P
   Power PSoC??Devices
CY3217 CYPRESS-CY3217 Datasheet
62Kb / 1P
   PSoC MiniProg
logo
Infineon Technologies A...
CY8C41XX INFINEON-CY8C41XX Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com