Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21434 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C21434
Description  PSoC짰 Mixed-Signal Array
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21434 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C21434 Datasheet HTML 3Page - Cypress Semiconductor CY8C21434 Datasheet HTML 4Page - Cypress Semiconductor CY8C21434 Datasheet HTML 5Page - Cypress Semiconductor CY8C21434 Datasheet HTML 6Page - Cypress Semiconductor CY8C21434 Datasheet HTML 7Page - Cypress Semiconductor CY8C21434 Datasheet HTML 8Page - Cypress Semiconductor CY8C21434 Datasheet HTML 9Page - Cypress Semiconductor CY8C21434 Datasheet HTML 10Page - Cypress Semiconductor CY8C21434 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
CY8C21634, CY8C21534
CY8C21434, CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *L
Page 7 of 42
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this
document.
Units of Measure
A units of measure table is located in the Electrical Specifications
section. Table 2 on page 7 lists all the abbreviations used to
measure the PSoC devices.
Numeric Naming
Hexidecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexidecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (e.g., 01010100b’ or ‘01000011b’).
Numbers not indicated by an ‘h’, ‘b’, or 0x are decimal.
Table 2. Acronyms Used
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
ECO
external crystal oscillator
EEPROM
electrically erasable programmable read-only
memory
FSR
full scale range
GPIO
general purpose IO
GUI
graphical user interface
HBM
human body model
ICE
in-circuit emulator
ILO
internal low speed oscillator
IMO
internal main oscillator
IO
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
PLL
phase-locked loop
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse width modulator
SC
switched capacitor
SLIMO
slow IMO
SMP
switch mode pump
SRAM
static random access memory
[+] Feedback


Similar Part No. - CY8C21434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21434 CYPRESS-CY8C21434 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21434-24AX CYPRESS-CY8C21434-24AX Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
More results

Similar Description - CY8C21434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com