Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20234-12LKXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20234-12LKXI
Description  PSoC짰 Mixed-Signal Array
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234-12LKXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20234-12LKXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CY8C20534, CY8C20434
CY8C20334, CY8C20234
Document Number: 001-05356 Rev. *D
Page 2 of 34
PSoC Functional Overview
The PSoC® family consists of many Mixed Signal Arrays with
On-Chip Controller devices. These devices are designed to
replace multiple traditional MCU based system components
with one low cost single chip programmable component. A
PSoC device includes configurable analog and digital blocks
and programmable interconnect. This architecture enables the
user to create customized peripheral configurations to match
the requirements of each individual application. Additionally, a
fast CPU, Flash program memory, SRAM data memory, and
configurable IO are included in a range of convenient pinouts.
The PSoC architecture for this device family, as shown in
Figure 1, is comprised of three main areas: the Core, the Sys-
tem Resources, and the CapSense Analog System. A common
versatile bus enables connection between IO and the analog
system. Each CY8C20x34 PSoC device includes a dedicated
CapSense block that provides sensing and scanning control cir-
cuitry for capacitive sensing applications. Depending on the
PSoC package, up to 28 general purpose IO (GPIO) are also
included. The GPIO provide access to the MCU and analog
mux.
The PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, IMO (Internal
Main Oscillator), and ILO (Internal Low speed Oscillator). The
CPU core, called the M8C, is a powerful processor with speeds
up to 12 MHz. The M8C is a two MIPS, 8-bit Harvard architec-
ture microprocessor.
System Resources provide additional capability such as a con-
figurable I2C slave or SPI master-slave communication inter-
face and various system resets supported by the M8C.
The Analog System is composed of the CapSense PSoC block
and an internal 1.8V analog reference. Together they support
capacitive sensing of up to 28 inputs.
The CapSense Analog System
The Analog System contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware per-
forms capacitive sensing and scanning without requiring exter-
nal components. Capacitive sensing is configurable on each
GPIO pin. Scanning of enabled CapSense pins is completed
quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
The Analog Multiplexer System
The Analog Mux Bus connects to every GPIO pin. Pins are con-
nected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge continu-
ously under hardware control. This enables capacitive mea-
surement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces such as sliders and
touch pads
Chip-wide mux that enables analog input from any IO pin
Crosspoint connection between any IO pin combinations
When designing capacitive sensing applications, refer to the lat-
est signal-to-noise signal level requirements Application Notes,
found
under
http://www.cypress.com
>>
DESIGN
RESOURCES >> Application Notes. In general, unless other-
wise noted in the relevant Application Notes, the minimum sig-
nal-to-noise ratio (SNR) requirement for CapSense applications
is 5:1.
ID AC
R eferenc e
Buffer
Vr
C internal
C ap Sens e C ounters
C om parator
Mu x
Mu x
Refs
C apSens e
Cloc k Select
Relaxation
O s c illator
(RO)
CSC LK
IMO
[+] Feedback


Similar Part No. - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com