Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT101 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT101 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPT101 Datasheet HTML 1Page - Burr-Brown (TI) OPT101 Datasheet HTML 2Page - Burr-Brown (TI) OPT101 Datasheet HTML 3Page - Burr-Brown (TI) OPT101 Datasheet HTML 4Page - Burr-Brown (TI) OPT101 Datasheet HTML 5Page - Burr-Brown (TI) OPT101 Datasheet HTML 6Page - Burr-Brown (TI) OPT101 Datasheet HTML 7Page - Burr-Brown (TI) OPT101 Datasheet HTML 8Page - Burr-Brown (TI) OPT101 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OPT101
4
SBBS002A
www.ti.com
MOISTURE SENSITIVITY
AND SOLDERING
Clear plastic does not contain the structural-enhancing fillers
used in black plastic molding compound. As a result, clear
plastic is more sensitive to environmental stress than black
plastic. This can cause difficulties if devices have been stored
in high humidity prior to soldering. The rapid heating during
soldering can stress wire bonds and cause failures. Prior to
soldering, it is recommended that plastic devices be baked-out
at +85
°C for 24 hours.
The fire-retardant fillers used in black plastic are not compat-
ible with clear molding compound. The OPT101 plastic
packages cannot meet flammability test, UL-94.
PIN CONFIGURATIONS
Top View
DIP
V
S
–In
–V
1M
Ω Feedback
Common
NC
NC
Output
1
2
3
4
8
7
6
5
(1)
NOTE: (1) Photodiode location.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage (VS to “Common” or pin 3) ................................ 0 to +36V
Output Short-Circuit (to ground) ............................................... Continuous
Operating Temperature .................................................... –25
°C to +85°C
Storage Temperature ........................................................ –25
°C to +85°C
Junction Temperature ...................................................................... +85
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
(Vapor-Phase Soldering Not Recommended)
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPT101P
DIP-8
NTC
–25
°C to +85°C
OPT101
OPT101P
Rail, 50
OPT101P-J
DIP-8, Surface Mount(2)
DTL
–25
°C to +85°C
OPT101
OPT101P-J
Rail, 50
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet. (2) 8-pin DIP with J-formed
leads for surface mounting.
PACKAGE/ORDERING INFORMATION(1)


Similar Part No. - OPT101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101 Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101 TI-OPT101 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT101P BURR-BROWN-OPT101P Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P TI-OPT101P Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-J TI-OPT101P-J Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - OPT101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101 Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Burr-Brown (TI)
OPT210 BURR-BROWN-OPT210 Datasheet
118Kb / 8P
   MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com