Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT101 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT101 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPT101_03 Datasheet HTML 4Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 5Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 6Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 7Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 8Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 9Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 10Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 11Page - Burr-Brown (TI) OPT101_03 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OPT101
8
SBBS002A
www.ti.com
source to sink currents up to approximately 100
µA. The
benefits of this current sink are shown in the typical
performance curves “Small Signal Response (CLOAD =
10,000pF)” which compare operation with pin 3 grounded
and connected to –15V.
Due to the architecture of this output stage current sink, there
is a slight increase in operating current when there is a voltage
between pin 3 and the output. Depending on the magnitude of
this voltage, the quiescent current will increase by
approximately 100
µA as shown in the typical performance
curve "Quiescent Current vs (VOUT – VPIN3)".
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required to operate the
OPT101. Applications with high-impedance power supplies
may require decoupling capacitors located close to the
device pins as shown. Output is 7.5mV dc with no light and
increases with increasing illumination.
Photodiode current, ID, is proportional to the radiant power, or
flux, (in watts) falling on the photodiode. At a wavelength of
650nm (visible red) the photodiode Responsivity, RI, is
approximately 0.45A/W. Responsivity at other wavelengths is
shown in the typical performance curve “Responsivity vs
Wavelength.”
FIGURE 1. Basic Circuit Connections.
The typical performance curve “Output Voltage vs Radiant
Power” shows the response throughout a wide range of
radiant power. The response curve “Output Voltage vs
Irradiance” is based on the photodiode area of 5.2mm2.
The OPT101’s voltage output is the product of the photodiode
current times the feedback resistor, (IDRF), plus a pedestal
voltage, VB, of approximately 7.5mV introduced for single
supply operation. The internal feedback resistor is laser trimmed
to 1M
Ω. Using this resistor, the output voltage responsivity, R
V,
is approximately 0.45V/
µW at 650nm wavelength. Figure 1
shows the basic circuit connections for the OPT101 operating
with a single power supply and using the internal 1M
Ω feedback
resistor for a response of 0.45V/
µW at 650nm. Pin 3 is
connected to common in this configuration.
CAPACITIVE LOADING
The OPT101 is capable of driving load capacitances of 10nF
without instability. However, dynamic performance with
capacitive loads can be improved by applying a negative
bias voltage to Pin 3 (shown in Figure 2). This negative
power supply voltage allows the output to go negative in
response to the reactive effect of a capacitive load. An
internal JFET connected between pin 5 (output) and pin 3
allows the output to sink current. This current sink capability
can also be useful when driving the capacitive inputs of
some analog-to-digital converters which require the signal
NOISE PERFORMANCE
Noise performance of the OPT101 is determined by the op
amp characteristics, feedback components and photodiode
capacitance. The typical performance curve “Output Noise
Voltage vs Measurement Bandwidth” shows how the noise
varies with RF and measured bandwidth (0.1Hz to the
indicated frequency), when the output voltage minus the
voltage on pin 3 is greater than approximately 50mV. Below
this level, the output stage is powered down, and the effective
bandwidth is decreased. This reduces the noise to
approximately 1/3 the nominal noise value of 300
µVrms, or
100
µVrms. This enables a low level signal to be resolved.
Noise can be reduced by filtering the output with a cutoff
frequency equal to the signal bandwidth. This will improve
signal-to-noise ratio. Also, output noise increases in proportion
to the square root of the feedback resistance, while responsivity
increases linearly with feedback resistance. Best signal-to-noise
ratio is achieved with large feedback resistance. This comes
with the trade-off of decreased bandwidth.
The noise performance of the photodetector is sometimes
characterized by Noise Effective Power (NEP). This is the
radiant power that would produce an output signal equal to the
noise level. NEP has the units of radiant power (watts), or
Watts/
√Hz to convey spectral information about the noise.
The typical performance curve “Noise Effective Power” vs
Measurement Bandwidth" illustrates the NEP for the OPT101.
FIGURE 2. Bipolar Power Supply Circuit Connections.
1M
OPT101
3pF
2
5
4
V
S = +2.7 to +36V
λ
3
8
V
B
8pF
1
Common
Dark output
≈ 7.5mV
Positive going output
with increased light
0.01 to 0.1
µF
1M
OPT101
3pF
2
5
4
V
S
λ
3
8
V
B
8pF
1
Common
–V = –1V to (V
S – 36V)
0.01 to 0.1
µF
0.01 to 0.1
µF


Similar Part No. - OPT101_03

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101P BURR-BROWN-OPT101P Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P TI-OPT101P Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-J TI-OPT101P-J Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-JG4 TI-OPT101P-JG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - OPT101_03

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101 Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Burr-Brown (TI)
OPT210 BURR-BROWN-OPT210 Datasheet
118Kb / 8P
   MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com