Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09389V-12AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C09389V-12AC
Description  3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09389V-12AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C09389V-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09389V-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY7C09269V/79V/89V
CY7C09369V/79V/89V
Document #: 38-06056 Rev. *B
Page 3 of 19
Pin Configurations (continued)
Notes:
10. This pin is NC for CY7C09369V.
11. This pin is NC for CY7C09369V and CY7C09379V.
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A8R
A9R
A10R
A11R
A12R
A13R
CE0R
A15R
UBR
CNTRSTR
R/WR
FT/PIPER
I/O17R
LBR
A14R
GND
OER
GND
I/O16R
I/O15R
I/O14R
I/O13R
I/O12R
I/O11R
CE1R
58
57
56
55
54
53
52
51
CY7C09379V (32K x 18)
CY7C09369V (16K x 18)
A9L
A10L
A11L
A12L
A13L
A14L
CE1L
LBL
CE0L
R/WL
OEL
I/O17L
I/O16L
UBL
A15L
VCC
FT/PIPEL
GND
I/O15L
I/O14L
I/O13L
1/012L
I/O11L
I/O10L
CNTRSTL
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C09389V (64K x 18)
100-Pin TQFP (Top View)
[10]
[11]
[10]
[11]
Selection Guide
CY7C09269V/79V/89V
CY7C09369V/79V/89V
-6[1, 2]
CY7C09269V/79V/89V
CY7C09369V/79V/89V
-7[2]
CY7C09269V/79V/89V
CY7C09369V/79V/89V
-9
CY7C09269V/79V/89V
CY7C09369V/79V/89V
-12
fMAX2 (MHz) (Pipelined)
100
83
67
50
Max. Access Time (ns)
(Clock to Data,
Pipelined)
6.5
7.5
9
12
Typical Operating
Current ICC (mA)
175
155
135
115
Typical Standby Current
for ISB1 (mA) (Both
Ports TTL Level)
25
25
20
20
Typical Standby Current
for ISB3 (µA) (Both Ports
CMOS Level)
10
µA
10
µA
10
µA
10
µA


Similar Part No. - CY7C09389V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09389V-12AC CYPRESS-CY7C09389V-12AC Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09389V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com