Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63413C-PVXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C63413C-PVXCT
Description  Low-Speed High I/O, 1.5-Mbps USB Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63413C-PVXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C63413C-PVXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C63413C-PVXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
CY7C63413C
CY7C63513C
CY7C63613C
Document #: 38-08027 Rev. *B
Page 3 of 32
.
Note:
1. CY7C63613C is not bonded out for all GPIO pins shown in Logic Block Diagram. Refer to pin configuration diagram for bonded out pins. See note on page 12
for firmware code needed for unused GPIO pins.
Logic Block Diagram
Interrupt
Controller
EPROM
12-bit
Timer
Reset
Watch Dog
Timer
Power-on
GPIO
PORT 1
GPIO
PORT 0
P0[0]
P0[7]
P1[0]
P1[7]
6-MHz ceramic resonator
RAM
USB
SIE
USB
Transceiver
D+
D–
USB
GPIO
PORT 3
GPIO
PORT 2
P2[0]
P2[7]
P3[0]
P3[7]
DAC
PORT
DAC[0]
DAC[7]
High Current
Outputs
256 byte
4/6/8 Kbyte
OSC
6 MHz
12-MHz
8-bit
CPU
12 MHz
Pin Configuration
PS/2
PORT
CY7C63413C
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
40
25
27
26
28
VCC
VSS
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
P0[7]
P0[5]
P0[3]
P0[1]
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
P0[6]
P0[4]
P0[2]
P0[0]
XTALOUT
XTALIN
40-pin PDIP
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
Vss
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
NC
NC
P0[7]
P0[5]
P0[3]
P0[1]
NC
NC
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
NC
NC
P0[6]
P0[4]
P0[2]
P0[0]
NC
NC
XTALOUT
XTALIN
CY7C63513C
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
Vss
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
DAC[7]
DAC[5]
P0[7]
P0[5]
P0[3]
P0[1]
DAC[3]
DAC[1]
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
DAC[6]
DAC[4]
P0[6]
P0[4]
P0[2]
P0[0]
DAC[2]
DAC[0]
XTALOUT
XTALIN
21
23
22
24
CY7C63413C
48-pin SSOP
48-pin SSOP
P3[3]
P3[1]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
P2[7]
DAC[7]
DAC[5]
P0[7]
P0[5]
DAC[6]
DAC[4]
P0[6]
P0[4]
P3[2]
P3[0]
P2[6]
P2[4]
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
CY7C63413C
48-Pad Die
0
CY7C63613C
1
2
3
4
5
6
7
9
11
12
D–
10
8
15
14
13
17
16
19
18
21
20
23
22
24
VCC
VSS
P3[6]
P3[4]
P1[2]
P1[0]
P0[6]
P0[4]
P3[7]
P3[5]
P1[3]
P1[1]
P0[7]
P0[5]
P0[3]
P0[1]
VPP
Vss
D+
P0[2]
P0[0]
XTALOUT
XTALIN
24-pin SOIC
CY7C63513C only
See Note 1
.


Similar Part No. - CY7C63413C-PVXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63413 CYPRESS-CY7C63413 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63413-PC CYPRESS-CY7C63413-PC Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63413-PVC CYPRESS-CY7C63413-PVC Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
More results

Similar Description - CY7C63413C-PVXCT

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E520 ZILOG-Z8E520 Datasheet
607Kb / 43P
   1.5 MBPS USB Device Controller
logo
C-Media Electronics
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
   Highly Integrated USB Audio I/O Controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com