Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63001A-XC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C63001A-XC
Description  Universal Serial Bus Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63001A-XC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C63001A-XC Datasheet HTML 6Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 7Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 8Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 9Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 10Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 11Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 12Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 13Page - Cypress Semiconductor CY7C63001A-XC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY7C63001A
CY7C63101A
Document #: 38-08026 Rev. *A
Page 10 of 25
Writing a “0” to the Data Register drives the output LOW.
Instead of providing a fixed output drive, the USB Controller
allows the user to select an output sink current level for each
I/O pin. The sink current of each output is controlled by a
dedicated Port Isink Register. The lower four bits of this
register contain a code selecting one of sixteen sink current
levels. The upper four bits of the register are ignored. The
format of the Port Isink Register is shown in Figure 6-13.
Port 0 is a low-current port suitable for connecting photo
transistors. Port 1 is a high current port capable of driving
LEDs. See section 8.0 for current ranges. 0000 is the lowest
drive strength. 1111 is the highest.
The write-only sink current control registers for Port 0 outputs
are assigned from I/O address 0x30 to 0x37 with the control
bits for P00 starting at 0x30. Port 1 sink current control
registers are assigned from I/O address 0x38 to 0x3F with the
control bits for P10 starting at 0x38. All sink current control
registers are cleared during a reset, resulting in the minimum
current sink setting.
6.7
XTALIN/XTALOUT
The XTALIN and XTALOUT pins support connection of a 6-
MHz ceramic resonator. The feedback capacitors and bias
resistor are internal to the IC, as shown in Figure 6-14 Leave
XTALOUT unconnected when driving XTALIN from an external
oscillator.
6.8
Interrupts
Interrupts are generated by the General Purpose I/O lines, the
Cext pin, the internal timer, and the USB engine. All interrupts
are maskable by the Global Interrupt Enable Register. Access
to this register is accomplished via IORD, IOWR, and IOWX
instructions to address 0x20. Writing a “1” to a bit position
enables the interrupt associated with that position. During a
reset, the contents of the Interrupt Enable Register are
cleared, disabling all interrupts. Figure 6-15 illustrates the
format of the Global Interrupt Enable Register.
The interrupt controller contains a separate latch for each
interrupt. See Figure 6-16 for the logic block diagram for the
interrupt controller. When an interrupt is generated, it is
latched as a pending interrupt. It stays as a pending interrupt
until it is serviced or a reset occurs. A pending interrupt only
generates an interrupt request if it is enabled in the Global
Interrupt Enable Register. The highest priority interrupt
request is serviced following the execution of the current
instruction.
b7
b6
b5
b4
b3
b2
b1
b0
PULL1.7
PULL1.6
PULL1.5
PULL1.4
PULL1.3
PULL1.2
PULL1.1
PULL1.0
WWWWWWWW
0x
0000000
Figure 6-12. Port 1 Pull-up Register (Address 0x09)
b7
b6
b5
b4
b3
b2
b1
b0
Reserved
Reserved
Reserved
UNUSED
ISINK3
ISINK2
ISINK1
ISINK0
WWWWWWWW
xxxxxxxx
Figure 6-13. Port Isink Register for One GPIO Line
XTALOUT
XTALIN
clk2x
30 pF
30 pF
Clock
Doubler
clk1x
(to Microcontroller)
(to USB SIE)
Figure 6-14. Clock Oscillator On-chip Circuit
b7
b6
b5
b4
b3
b2
b1
b0
CEXTIE
GPIOIE
Reserved
EP1IE
EP0IE
1024IE
128IE
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
00000000
Figure 6-15. Global Interrupt Enable Register (GIER – Address 0x20)


Similar Part No. - CY7C63001A-XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63001A-PC CYPRESS-CY7C63001A-PC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A-SC CYPRESS-CY7C63001A-SC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
More results

Similar Description - CY7C63001A-XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com