Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63221A-PXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C63221A-PXC
Description  Low-speed USB Peripheral Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63221A-PXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C63221A-PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 12Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 13Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 14Page - Cypress Semiconductor CY7C63221A-PXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
FOR
FOR
enCoRe™ USB
CY7C63221/31A
Document #: 38-08028 Rev. *B
Page 11 of 50
8.0
Memory Organization
8.1
Program Memory Organization
After reset
Address
14-bit PC
0x0000
Program execution begins here after a reset.
0x0002
USB Bus Reset interrupt vector
0x0004
128-
µs timer interrupt vector
0x0006
1.024-ms timer interrupt vector
0x0008
USB endpoint 0 interrupt vector
0x000A
USB endpoint 1 interrupt vector
0x000C
Reserved
0x000E
Reserved
0x0010
Reserved
0x0012
Reserved
0x0014
GPIO interrupt vector
0x0016
Wake-up interrupt vector
0x0018
Program Memory begins here
0x0BDF
3 KB PROM ends here (3K - 32 bytes). See Note 1 below
Figure 8-1. Program Memory Space with Interrupt Vector Table
Note:
1.
The upper 32 bytes of the 3K PROM are reserved. Therefore, user’s program must not over-write this space.


Similar Part No. - CY7C63221A-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221A-PXC CYPRESS-CY7C63221A-PXC Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
More results

Similar Description - CY7C63221A-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com