Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1523AV18-200BZI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1523AV18-200BZI
Description  72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1523AV18-200BZI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1523AV18-200BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1523AV18-200BZI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CY7C1522AV18, CY7C1529AV18
CY7C1523AV18, CY7C1524AV18
Document #: 001-06981 Rev. *C
Page 6 of 30
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1522AV18 - D[7:0]
CY7C1529AV18 - D[8:0]
CY7C1523AV18 - D[17:0]
CY7C1524AV18 - D[35:0]
LD
Input-
Synchronous
Synchronous Load. This input is brought LOW when a bus cycle sequence is defined. This definition
includes address and read/write direction. All transactions operate on a burst of 2 data (one clock period
of bus activity).
NWS0,
NWS1
Nibble Write Select 0, 1
− Active LOW (CY7C1522AV18 Only). Sampled on the rising edge of the K
and K clocks during Write operations. Used to select which nibble is written into the device during the
current portion of the Write operations.Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1529AV18
− BWS
0 controls D[8:0]
CY7C1523AV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9].
CY7C1524AV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations. These
address inputs are multiplexed for both read and write operations. Internally, the device is organized as
8M x 8 (2 arrays each of 4M x 8) for CY7C1522AV18, 8M x 9 (2 arrays each of 4M x 9) for CY7C1529AV18,
4M x 18 (2 arrays each of 2M x 18) for CY7C1523AV18 and 2M x 36 (2 arrays each of 1M x 36) for
CY7C1524AV18. Therefore, only 22 address inputs are needed to access the entire memory array of
CY7C1522AV18 and CY7C1529AV18, 21 address inputs for CY7C1523AV18 and 20 address inputs for
CY7C1524AV18. These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output Signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the C and C clocks during read operations, or K and K when in single
clock mode. When the read port is deselected, Q[x:0] are automatically tri-stated.
CY7C1522AV18
− Q
[7:0]
CY7C1529AV18
− Q
[8:0]
CY7C1523AV18
− Q
[17:0]
CY7C1524AV18
− Q
[35:0]
R/W
Input-
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for the loaded address. R/W must meet the setup and hold times
around the edge of K.
C
Input Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1523AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1523AV18-200BZI CYPRESS-CY7C1523AV18-200BZI Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1523AV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522JV18 CYPRESS-CY7C1522JV18 Datasheet
664Kb / 27P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522KV18 CYPRESS-CY7C1522KV18 Datasheet
888Kb / 31P
   72-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com