Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63101A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C63101A
Description  Universal Serial Bus Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63101A Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C63101A Datasheet HTML 1Page - Cypress Semiconductor CY7C63101A Datasheet HTML 2Page - Cypress Semiconductor CY7C63101A Datasheet HTML 3Page - Cypress Semiconductor CY7C63101A Datasheet HTML 4Page - Cypress Semiconductor CY7C63101A Datasheet HTML 5Page - Cypress Semiconductor CY7C63101A Datasheet HTML 6Page - Cypress Semiconductor CY7C63101A Datasheet HTML 7Page - Cypress Semiconductor CY7C63101A Datasheet HTML 8Page - Cypress Semiconductor CY7C63101A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CY7C63001A
CY7C63101A
Document #: 38-08026 Rev. *A
Page 5 of 25
6.2
I/O Register Summary
I/O registers are accessed via the I/O Read (IORD) and I/O
Write (IOWR, IOWX) instructions.
after reset
Address
DSP
PSP
0x00
user
firmware
0x02
0x04
DSP
0x70
USB FIFO – Endpoint 0
0x77
0x78
USB FIFO – Endpoint 1
0x7F
Figure 6-2. Data Memory Space
Table 6-1. I/O Register Summary
Register Name
I/O Address
Read/Write
Function
Page
P0 Data
0x00
R/W
General purpose I/O Port (low current)
Figure 6-8
P1 Data
0x01
R/W
General purpose I/O Port (high current)
Figure 6-9
P0 IE
0x04
W
Interrupt enable for Port 0 pins
Figure 6-17
P1 IE
0x05
W
Interrupt enable for Port 1 pins
Figure 6-18
P0 Pull-up
0x08
W
Pull-up resistor control for Port 0 pins
Figure 6-11
P1 Pull-up
0x09
W
Pull-up resistor control for Port 1 pins
Figure 6-12
EP0 TX Config.
0x10
R/W
USB Endpoint 0 transmit configuration
Figure 6-22
EP1 TX Config.
0x11
R/W
USB Endpoint 1 transmit configuration
Figure 6-23
USB DA
0x12
R/W
USB device address
Figure 6-20
USB SCR
0x13
R/W
USB status and control
Figure 6-24
EP0 RX Status
0x14
R/W
USB Endpoint 0 receive status
Figure 6-21
GIE
0x20
R/W
Global Interrupt Enable
Figure 6-15
WDT
0x21
W
Watchdog Timer clear
Figure 6-4
Cext
0x22
R/W
External R-C Timing circuit control
Figure 6-5
Timer
0x23
R
Free-running timer
Figure 6-6
P0 Isink
0x30-0x37
W
Input sink current control for Port 0 pins. There is one
Isink register for each pin. Address of the Isink register
for pin 0 is located at 0x30 and the register address for
pin 7 is located at 0x37.
Figure 6-13


Similar Part No. - CY7C63101A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63101A-QC CYPRESS-CY7C63101A-QC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63101A-SC CYPRESS-CY7C63101A-SC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
More results

Similar Description - CY7C63101A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com