Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C60445 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C60445
Description  enCoRe??V Low Voltage Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C60445 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C60445 Datasheet HTML 7Page - Cypress Semiconductor CY7C60445 Datasheet HTML 8Page - Cypress Semiconductor CY7C60445 Datasheet HTML 9Page - Cypress Semiconductor CY7C60445 Datasheet HTML 10Page - Cypress Semiconductor CY7C60445 Datasheet HTML 11Page - Cypress Semiconductor CY7C60445 Datasheet HTML 12Page - Cypress Semiconductor CY7C60445 Datasheet HTML 13Page - Cypress Semiconductor CY7C60445 Datasheet HTML 14Page - Cypress Semiconductor CY7C60445 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PRELIMINARY
CY7C60445, CY7C6045x
Document Number: 001-12395 Rev. *E
Page 11 of 26
24
64
A4
INT_MSK3
E4
RW
25
65
A5
E5
26
66
A6
E6
27
67
A7
E7
28
68
A8
E8
SPI_TXR
29
W
69
A9
E9
SPI_RXR
2A
R
6A
AA
EA
SPI_CR
2B
#
6B
AB
EB
2C
6C
AC
EC
2D
6D
AD
ED
2E
6E
AE
EE
2F
6F
AF
EF
30
70
PT0_CFG
B0
RW
F0
31
71
PT0_DATA1
B1
RW
F1
32
72
PT0_DATA0
B2
RW
F2
33
73
PT1_CFG
B3
RW
F3
34
74
PT1_DATA1
B4
RW
F4
35
75
PT1_DATA0
B5
RW
F5
36
76
PT2_CFG
B6
RW
F6
37
77
PT2_DATA1
B7
RW
CPU_F
F7
RL
38
78
PT2_DATA0
B8
RW
F8
39
79
B9
F9
3A
7A
BA
FA
3B
7B
BB
FB
3C
7C
BC
FC
3D
7D
BD
FD
3E
7E
BE
CPU_SCR1
FE
#
3F
7F
BF
CPU_SCR0
FF
#
Name
Addr
(0,Hex)
Access
Name
Addr
(0,Hex)
Access
Name
Addr
(0,Hex)
Access
Name
Addr
(0,Hex)
Access
Gray fields are reserved and should not be accessed.
# Access is bit specific.
[+] Feedback


Similar Part No. - CY7C60445

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C60445 CYPRESS-CY7C60445 Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445-32LQXC CYPRESS-CY7C60445-32LQXC Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C60445-32LQXC CYPRESS-CY7C60445-32LQXC Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445-32LQXC CYPRESS-CY7C60445-32LQXC Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
More results

Similar Description - CY7C60445

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX_13 Datasheet
887Kb / 38P
   enCoRe??V Low Voltage Microcontroller
CY7C60445_0810 CYPRESS-CY7C60445_0810 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445_08 Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_08 Datasheet
1Mb / 67P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX_09 CYPRESS-CY7C601XX_09_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_11 Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com