Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09379-6AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09379-6AC
Description  32K/64K x16/18 Synchronous Dual Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09379-6AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09379-6AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09379-6AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C09279/89
CY7C09379/89
Document #: 38-06040 Rev. *A
Page 5 of 18
Note:
11. CEL and CER are internal signals. To select either the left or right port, both CE0 AND CE1 must be asserted to their active states (CE0 ≤ VIL and CE1 ≥ VIH).
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C09279/89
CY7C09379/89
Unit
-6[1]
-7
-9
-12
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
VOH
Output HIGH Voltage
(VCC = Min., IOH = –4.0 mA)
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
(VCC = Min., IOH = +4.0 mA)
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC =Max.,
IOUT =0 mA)
Outputs Disabled
Com’l.
250
450
235
420
215
360
195
300
mA
Ind.[10
]
245
410
mA
ISB1
Standby Current (Both
Ports TTL Level)[11]
CEL & CER ≥ VIH,
f= fMAX
Com’l.
45
115
40
105
35
95
30
85
mA
Ind.[10
]
50
110
mA
ISB2
Standby Current (One
Port TTL Level)[11]
CEL | CER ≥ VIH,
f= fMAX
Com’l.
175
235
160
220
145
205
125
190
mA
Ind.[10
]
160
220
mA
ISB3
Standby Current (Both
Ports CMOS Level)[11]
CEL & CER ≥ VCC
0.2V, f = 0
Com’l.
0.05
0.5
0.05
0.5
0.05
0.5
0.05
0.5
mA
Ind.[10
]
0.05
0.5
mA
ISB4
Standby Current (One
Port CMOS Level)[11]
CEL | CER ≥ VIH,
f= fMAX
Com’l.
160
200
145
185
130
170
110
150
mA
Ind.[10
]
145
185
mA
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C09379-6AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09379-6AC CYPRESS-CY7C09379-6AC Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09379-6AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269A CYPRESS-CY7C09269A Datasheet
338Kb / 17P
   16K x16/18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com