Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6340MG Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HL6340MG
Description  Circular Beam Low Operating Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HL6340MG Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HL6340MG Datasheet HTML 1Page - Agilent(Hewlett-Packard) HL6340MG Datasheet HTML 2Page - Agilent(Hewlett-Packard) HL6340MG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HL6340MG Datasheet HTML 4Page - Agilent(Hewlett-Packard) HL6340MG Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HL6340MG/41MG
Rev.1 Feb. 01, 2008 page 2 of 5
Typical Characteristic Curves
Slope Efficiency vs. The Case Temperature
Case temperature, TC (°C)
–10
0
50
40
30
20
10
–10
0
50
40
30
20
10
0
0.2
0.4
0.6
1.0
1.4
100
50
Threshold Current vs. The Case Temperature
20
Case temperature, TC (°C)
5
4
3
2
1
0
0
Forward current, IF (mA)
Optical Output Power vs. Forward Current
60
30
10
20
40
50
50°C
1.2
0.8
10
25°C
40°C
TC = 10°C
Monitor Corrent Vs. The Case Temperature
–10
0
10
20
30
40
0
0.02
0.03
0.04
0.05
50
Case temperature, TC (°C)
PO = 5mW
VR = 5V
0.01
0.2
0.4
0.6
0.8
1.0
–40 –30 –20 –10
0
40
30
20
10
Angle,
θ ( ° )
0
Far Field Pattern
PO = 5mW
TC = 25°C
Parallel
Perpendicular
Lasing Wavelength vs. The Case Temperature
625
630
640
645
635
–10
0
10
20
30
40
50
Case temperature, TC (°C)
PO = 5mW


Similar Part No. - HL6340MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG Datasheet
234Kb / 9P
   Circular Beam Low Operating Current
HL6340MG OPNEXT-HL6340MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
More results

Similar Description - HL6340MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6347MG OPNEXT-HL6347MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6340MG OPNEXT-HL6340MG Datasheet
234Kb / 9P
   Circular Beam Low Operating Current
logo
Hitachi Semiconductor
HL6335G HITACHI-HL6335G Datasheet
61Kb / 10P
   Circular Beam Low Operating Current
logo
Opnext. Inc.
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6343G OPNEXT-HL6343G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
HL6335G OPNEXT-HL6335G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
logo
Rohm
SML-D12W8W ROHM-SML-D12W8W Datasheet
662Kb / 11P
   Low 2mA operating current
logo
Micrel Semiconductor
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
   150mA Low Operating Current LDO
logo
Siemens Semiconductor G...
KOM0622059 SIEMENS-KOM0622059 Datasheet
77Kb / 1P
   64-ELEMENT SILICON CIRCULAR ARRAY VERY LOW DARK CURRENT
logo
Opnext. Inc.
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com