Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C9925 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C9925
Description  3.3V/2.5V Programmable Skew Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C9925 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C9925 Datasheet HTML 1Page - Cypress Semiconductor CY7C9925 Datasheet HTML 2Page - Cypress Semiconductor CY7C9925 Datasheet HTML 3Page - Cypress Semiconductor CY7C9925 Datasheet HTML 4Page - Cypress Semiconductor CY7C9925 Datasheet HTML 5Page - Cypress Semiconductor CY7C9925 Datasheet HTML 6Page - Cypress Semiconductor CY7C9925 Datasheet HTML 7Page - Cypress Semiconductor CY7C9925 Datasheet HTML 8Page - Cypress Semiconductor CY7C9925 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY
CY7C9925
Document #: 38-07688 Rev. **
Page 5 of 12
zero skew. The other three pairs of outputs are programmed
to yield different skews relative to the feedback. By advancing
the clock signal on the longer traces or retarding the clock
signal on shorter traces, all loads can receive the clock pulse
at the same time.
In this illustration the FB input is connected to an output with
0-ns skew (xF1, xF0 = MID) selected. The internal PLL
synchronizes the FB and REF inputs and aligns their rising
edges to insure that all outputs have precise phase alignment.
Clock skews can be advanced by
±6 time units (tU) when using
an output selected for zero skew as the feedback. A wider range of
delays is possible if the output connected to FB is also skewed.
Since “Zero Skew”, +tU, and –tU are defined relative to output
groups, and since the PLL aligns the rising edges of REF and FB,
it is possible to create wider output skews by proper selection of the
xFn inputs. For example a +10 tU between REF and 3Qx can be
achieved by connecting 1Q0 to FB and setting 1F0 = 1F1 = GND,
3F0 = MID, and 3F1 = High. (Since FB aligns at –4 tU and 3Qx
skews to +6 tU, a total of +10 tU skew is realized.) Many other config-
urations can be realized by skewing both the output used as the FB
input and skewing the other outputs.
Figure 4 shows an example of the invert function of the
LVPSCB. In this example the 4Q0 output used as the FB input
is programmed for invert (4F0 = 4F1 = HIGH) while the other
three pairs of outputs are programmed for zero skew. When
4F0 and 4F1 are tied HIGH, 4Q0 and 4Q1 become inverted
zero phase outputs. The PLL aligns the rising edge of the FB
input with the rising edge of the REF. This causes the 1Q, 2Q,
and 3Q outputs to become the “inverted” outputs with respect
to the REF input. By selecting which output is connect to FB,
it is possible to have 2 inverted and 6 non-inverted outputs or
6 inverted and 2 non-inverted outputs. The correct configu-
ration would be determined by the need for more (or fewer)
inverted outputs. 1Q, 2Q, and 3Q outputs can also be skewed
to compensate for varying trace delays independent of
inversion on 4Q.
Figure 5 illustrates the LVPSCB configured as a clock multi-
plier. The 3Q0 output is programmed to divide by four and is
fed back to FB. This causes the PLL to increase its frequency
until the 3Q0 and 3Q1 outputs are locked at 20 MHz while the
1Qx and 2Qx outputs run at 80 MHz. The 4Q0 and 4Q1
outputs are programmed to divide by two, which results in a
40-MHz waveform at these outputs. Note that the 20- and
40-MHz clocks fall simultaneously and are out of phase on
their rising edge. This will allow the designer to use the rising
edges of the 1
2 frequency and 14 frequency outputs without
concern for rising-edge skew. The 2Q0, 2Q1, 1Q0, and 1Q1
outputs run at 80 MHz and are skewed by programming their
select inputs accordingly. Note that the FS pin is wired for
80-MHz operation because that is the frequency of the fastest
output.
Figure 6 demonstrates the LVPSCB in a clock divider appli-
cation. 2Q0 is fed back to the FB input and programmed for
zero skew. 3Qx is programmed to divide by four. 4Qx is
programmed to divide by two. Note that the falling edges of the
4Qx and 3Qx outputs are aligned. This allows use of the rising
edges of the 1
2 frequency and 14 frequency without concern
for skew mismatch. The 1Qx outputs are programmed to zero
skew and are aligned with the 2Qx outputs. In this example,
the FS input is grounded to configure the device in the 15- to
Figure 4. Inverted Output Connections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
Figure 5. Frequency Multiplier with Skew Connections
Figure 6. Frequency Divider Connections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
20 MHz
20 MHz
40 MHz
80 MHz
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
20 MHz
5 MHz
10 MHz
20 MHz


Similar Part No. - CY7C9925

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9915-1JXC CYPRESS-CY7C9915-1JXC Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9915-1JXI CYPRESS-CY7C9915-1JXI Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9915-2JXC CYPRESS-CY7C9915-2JXC Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9915-2JXI CYPRESS-CY7C9915-2JXI Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
More results

Similar Description - CY7C9925

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com