Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09279-9AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C09279-9AC
Description  32K/64K x16/18 Synchronous Dual Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279-9AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C09279-9AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
32K/64K x16/18
Synchronous Dual Port Static RAM
CY7C09279/89
CY7C09379/89
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06040 Rev. *A
Revised December 27, 2002
25/0251
Features
• True dual-ported memory cells which allow simulta-
neous access of the same memory location
• Six Flow-Through/Pipelined devices
— 32K x 16/18 organization (CY7C09279/379)
— 64K x 16/18 organization (CY7C09289/389)
• Three Modes
— Flow-Through
— Pipelined
—Burst
• Pipelined output mode on both ports allows fast 100-
MHz cycle time
• 0.35-micron CMOS for optimum speed/power
• High-speed clock to data access 6.5[1]/7.5/9/12 ns (max.)
• Low operating power
— Active = 195 mA (typical)
— Standby = 0.05 mA (typical)
• Fully synchronous interface for easier operation
• Burst counters increment addresses internally
— Shorten cycle times
— Minimize bus noise
— Supported in Flow-Through and Pipelined modes
• Dual Chip Enables for easy depth expansion
• Upper and Lower Byte Controls for Bus Matching
• Automatic power-down
• Commercial and Industrial temperature ranges
• Available in 100-pin TQFP
• Pin-compatible and functionally equivalent to IDT70927
and IDT709279
Notes:
1.
See page 6 for Load Conditions.
2.
I/O8–I/O15 for x16 devices; I/O9–I/O17 for x18 devices.
3.
I/O0–I/O7 for x16 devices. I/O0–I/O8 for x18 devices.
4.
A0–A14 for 32K; A0–A15 for 64K devices.
Logic Block Diagram
R/WL
1
0
0/1
CE0L
CE1L
LBL
OEL
UBL
1b
0/1
0b 1a 0a
ba
FT/PipeL
I/O8/9L–I/O15/17L
I/O0L–I/O7/8L
I/O
Control
Counter/
Address
Register
Decode
A0L–A14/15L
CLKL
ADSL
CNTENL
CNTRSTL
True Dual-Ported
RAM Array
R/WR
1
0
0/1
CE0R
CE1R
LBR
OER
UBR
1b
0/1
0b
1a
0a
b
a
FT/PipeR
I/O
Control
Counter/
Address
Register
Decode
15/16
8/9
8/9
I/O8/9R–I/O15/17R
I/O0R–I/O7/8R
A0R–A14/15R
CLKR
ADSR
CNTENR
CNTRSTR
15/16
8/9
8/9
[2]
[3]
[2]
[3]
[4]
[4]
For the most recent information, visit the Cypress web site at www.cypress.com


Similar Part No. - CY7C09279-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279-9AC CYPRESS-CY7C09279-9AC Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09279-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269A CYPRESS-CY7C09269A Datasheet
338Kb / 17P
   16K x16/18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com