Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09279-9AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C09279-9AC
Description  32K/64K x16/18 Synchronous Dual Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279-9AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C09279-9AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 11Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 12Page - Cypress Semiconductor CY7C09279-9AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY7C09279/89
CY7C09379/89
Document #: 38-06040 Rev. *A
Page 9 of 18
Bank Select Pipelined Read[19, 20]
Left Port Write to Flow-Through Right Port Read[21, 22, 23, 24]
Notes:
19. In this depth expansion example, B1 represents Bank #1 and B2 is Bank #2; each Bank consists of one Cypress dual-port device from this data sheet.
ADDRESS(B1) = ADDRESS(B2).
20. UB, LB, OE and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.
21. The same waveforms apply for a right port write to flow-through left port read.
22. CE0, UB, LB, and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
23. OE = VIL for the right port, which is being read from. OE = VIH for the left port, which is being written to.
24. It tCCS ≤ maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD. If tCCS>maximum specified, then data is not
valid until tCCS + tCD1. tCWDD does not apply in this case.
Switching Waveforms (continued)
D3
D1
D0
D2
A0
A1
A2
A3
A4
A5
D4
A0
A1
A2
A3
A4
A5
tSA
tHA
tSC
tHC
tSA
tHA
tSC
tHC
tSC
tHC
tSC tHC
tCKHZ
tDC
tDC
tCD2
tCKLZ
tCD2
tCD2
tCKHZ
tCKLZ
tCD2
tCKHZ
tCKLZ
tCD2
tCH2
tCL2
tCYC2
CLKL
ADDRESS(B1)
CE0(B1)
DATAOUT(B2)
DATAOUT(B1)
ADDRESS(B2)
CE0(B2)
tSA
tHA
tSW
tHW
tSD
tHD
MATCH
VALID
tCCS
tSW
tHW
tDC
tCWDD
tCD1
MATCH
tSA
tHA
MATCH
NO
MATCH
NO
VALID
VALID
tDC
tCD1
CLKL
R/WL
ADDRESSL
DATAINL
ADDRESSR
DATAOUTR
CLKR
R/WR


Similar Part No. - CY7C09279-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279-9AC CYPRESS-CY7C09279-9AC Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09279-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269A CYPRESS-CY7C09269A Datasheet
338Kb / 17P
   16K x16/18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com