Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169AV-12AXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C09169AV-12AXI
Description  3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169AV-12AXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C09169AV-12AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 14Page - Cypress Semiconductor CY7C09169AV-12AXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY7C09159AV
CY7C09169AV
Document #: 38-06053 Rev. *B
Page 11 of 16
Pipelined Read with Address Counter Advance[20]
Flow-Through Read with Address Counter Advance[20]
Note:
20. CE0 and OE = VIL; CE1, R/W and CNTRST = VIH.
Switching Waveforms (continued)
COUNTER HOLD
READ WITH COUNTER
tSA
tHA
tSAD
tHAD
tSCN
tHCN
tCH2
tCL2
tCYC2
tSAD
tHAD
tSCN
tHCN
Qx-1
Qx
Qn
Qn+1
Qn+2
Qn+3
tDC
tCD2
READ WITH COUNTER
READ
EXTERNAL
ADDRESS
CLK
ADDRESS
ADS
DATAOUT
CNTEN
An
tCH1
tCL1
tCYC1
tSA
tHA
tSAD
tHAD
tSCN
tHCN
Qx
Qn
Qn+1
Qn+2
Qn+3
An
tSAD
tHAD
tSCN
tHCN
tDC
tCD1
COUNTER HOLD
READ WITH COUNTER
READ
EXTERNAL
ADDRESS
READ
WITH
COUNTER
CLK
ADDRESS
ADS
DATAOUT
CNTEN


Similar Part No. - CY7C09169AV-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AI CYPRESS-CY7C09169AV-12AI Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09169AV-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com