Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMO2476 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # DCMO2476
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCMO2476 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  DCMO2476 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCMO2476 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCMO2476 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
240 - 760 MHz
WIDE BANDWIDTH
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: DCMO2476
0.00
10.00
20.00
30.00
40.00
50.00
0
5
10
15
20
25
Control Voltage (Vdc)
+25ºC
+85ºC
-40ºC
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
Control Voltage (Vdc)
+25ºC
+85ºC
-40ºC


Similar Part No. - DCMO2476

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCMO2260-5 SYNERGY-DCMO2260-5 Datasheet
447Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO25-5 SYNERGY-DCMO25-5 Datasheet
541Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO2550-12 SYNERGY-DCMO2550-12 Datasheet
474Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO267535-5 SYNERGY-DCMO267535-5 Datasheet
373Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCMO2476

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com