Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4291V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4291V
Description  16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4291V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4291V Datasheet HTML 2Page - Cypress Semiconductor CY7C4291V Datasheet HTML 3Page - Cypress Semiconductor CY7C4291V Datasheet HTML 4Page - Cypress Semiconductor CY7C4291V Datasheet HTML 5Page - Cypress Semiconductor CY7C4291V Datasheet HTML 6Page - Cypress Semiconductor CY7C4291V Datasheet HTML 7Page - Cypress Semiconductor CY7C4291V Datasheet HTML 8Page - Cypress Semiconductor CY7C4291V Datasheet HTML 9Page - Cypress Semiconductor CY7C4291V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *B
Page 6 of 16
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ...................................–65°C to +150°C
Ambient Temperature with
Power Applied...............................................–55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +3.6V
DC Voltage Applied to Outputs
in High-Z State .......................................–0.5V to VCC + 0.5V
DC Input Voltage ................................... –0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC[4]
Commercial
0°C to +70°C
3.3V
±300 mV
Industrial
−40°C to +85°C
3.3V
±300 mV
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C4261/71/81/91V-
10
7C4261/71/81/91V-
15
7C4261/71/81/91V-
25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH
Voltage
VCC = Min., IOH = −1.0 mA
VCC = 3.0V, IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 4.0 mA
VCC = 3.0V, IOL = 8.0 mA
.04
0.4
0.4
V
VIH
Input HIGH
Voltage
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW
Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.
−10
+10
−10
+10
−10
+10
µA
IOZL
IOZH
Output OFF,
High Z Current
OE
> VIH,
VSS < VO< VCC
−10
+10
−10
+10
−10
+10
µA
ICC1[5]
Active Power
Supply Current
Com’l
25
25
25
mA
Ind
30
mA
ISB[6]
Average
Standby Current
Com’l
4
4
4
mA
Ind
4
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
5pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms (-15 and -25)[8, 9]
Notes:
4. VCC Range for commercial -10 ns is 3.3V ±150mV.
5. Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency of 20 MHz, while data inputs
switch at 10 MHz. Outputs are unloaded.)
6. All inputs = VCC − 0.2V, except WCLK and RCLK (which are at frequency = 0 MHz). All outputs are unloaded.
7. Tested initially and after any design or process changes that may affect these parameters.
8. CL = 30 pF for all AC parameters except for tOHZ.
9. CL = 5 pF for tOHZ.
INCLUDING
3.0V
3.3V
OUTPUT
R1 = 330
R2=510
CL
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
2.0V
Equivalent to:
THÉVENIN EQUIVALENT
200
All Input Pulses


Similar Part No. - CY7C4291V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4291V CYPRESS-CY7C4291V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V CYPRESS-CY7C4291V Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V-10JC CYPRESS-CY7C4291V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V-10JXC CYPRESS-CY7C4291V-10JXC Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4291V-15JC CYPRESS-CY7C4291V-15JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4291V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com