Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1521V18-167BZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1521V18-167BZXI
Description  72-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1521V18-167BZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1521V18-167BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1521V18-167BZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1517V18
CY7C1528V18
CY7C1519V18
CY7C1521V18
Document #: 38-05565 Rev. *E
Page 9 of 28
Application Example[2]
LD#
Vterm = 0.75V
Vterm = 0.75V
CC#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
LD#
C C#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM#1
SRAM#2
DQ
Addresses
Cycle Start#
R/W#
Return CLK
Source CLK
Return CLK#
Source CLK#
Echo Clock1/Echo Clock#1
Echo Clock2/Echo Clock#2
R = 50ohms
R = 250ohms
R = 250ohms
Truth Table[3, 4, 5, 6, 7, 8]
Operation
K
LD
R/W
DQ
DQ
DQ
DQ
Write Cycle:
Load address; wait one
cycle; input write data on
four consecutive K and K
rising edges.
L-H
L
L
D(A1) at K(t + 1)
↑ D(A2) at K(t + 1) ↑ D(A3) at K(t + 2) ↑ D(A4) at K(t + 2) ↑
Read Cycle:
Load address; wait one
and a half cycle; read data
on four consecutive C and
C rising edges.
L-H
L
H
Q(A1) at C(t + 1)
↑ Q(A2) at C(t + 2) ↑ Q(A3) at C(t + 2) ↑ Q(A4) at C(t + 3) ↑
NOP: No Operation
L-H
H
X
High-Z
High-Z
High-Z
High-Z
Standby: Clock Stopped
Stopped X
X
Previous State
Previous State
Previous State
Previous State
Linear Burst Address Table (CY7C1519V18 and CY7C1521V18)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X..X00
X..X01
X..X10
X..X11
X..X01
X..X10
X..X11
X..X00
X..X10
X..X11
X..X00
X..X01
X..X11
X..X00
X..X01
X..X10
Notes:
2. The above application shows 2 DDR-II being used.
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device will power-up deselected and the outputs in a tri-state condition.
5. On CY7C1519V18 and CY7C1521V18, “A1” represents address location latched by the devices when transaction was initiated and A2, A3, A4 represents the
addresses sequence in the burst. On CY7C1517V18, “A1” represents A + ‘00’, A2 represents A + ‘01’, “A3” represents A + ‘10’ and “A4” represents A + ‘11’.
6. “t” represents the cycle at which a Read/Write operation is started. t+1, t + 2 and t +3 are the first, second and third clock cycles succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
8. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
9. Assumes a Write cycle was initiated per the Write Cycle Description Truth Table. NWS0, NWS1,BWS0, BWS1,BWS2, BWS3 can be altered on different portions
of a write cycle, as long as the set-up and hold requirements are achieved.


Similar Part No. - CY7C1521V18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18-250BZXC CYPRESS-CY7C1521KV18-250BZXC Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1521V18-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com