Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C4281 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY7C4281
Description  64K/128K x 9 Deep Sync FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4281 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4281_05 Datasheet HTML 2Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 3Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 4Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 5Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 6Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 7Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 8Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 9Page - Cypress Semiconductor CY7C4281_05 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C4281
CY7C4291
Document #: 38-06007 Rev. *C
Page 6 of 16
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
.......................................−65
°C to +150°C
Ambient Temperature with
Power Applied
.................................................... −55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State
............................................−0.5V to VCC + 0.5V
DC Input Voltage
....................................... −0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Notes:
4. The voltage on any input or I/O pin cannot exceed the power pin during power-up.
5. TA is the “instant on” case temperature.
6. Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency 20 MHz, while data inputs switch
at 10 MHz. Outputs are unloaded. Icc1(typical) = (20 mA + (freq – 20 MHz)*(0.7 mA/MHz)).
7. All inputs = VCC – 0.2V, except WCLK and RCLK (which are at frequency = 0 MHz). All outputs are unloaded.
8. Tested initially and after any design or process changes that may affect these parameters.
9. CL = 30 pF for all AC parameters except for tOHZ.
10. CL = 5 pF for tOHZ.
Operating Range[4]
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[5]
−40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C42X1
−10
7C42X1
−15
7C42X1
−25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage Current
VCC = Max.
−10
+10
−10
+10
−10
+10
µA
IOZL
IOZH
Output OFF, High Z Current
OE
> VIH, VSS < VO< VCC −10
+10
−10
+10
−10
+10
µA
ICC1[6]
Active Power Supply Current
Com’l
40
40
40
mA
Ind
45
45
45
mA
ISB[7]
Average Standby Current
Com’l
2
2
2
mA
Ind
2
mA
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5
pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms[9, 10]
3.0V
5V
OUTPUT
R11.1K
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
420
ALL INPUT PULSES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn