Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1480BV25 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1480BV25
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1480BV25 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1480BV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1480BV25 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1480BV25
CY7C1482BV25, CY7C1486BV25
Document #: 001-15143 Rev. *D
Page 7 of 31
Table 1. Pin Definitions
Pin Name
IO
Description
A0, A1, A
Input-
Synchronous
Address Inputs Used to Select One of the Address Locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A1:
A0 are fed to the two-bit counter.
BWA, BWB, BWC,
BWD, BWE, BWF,
BWG, BWH
Input-
Synchronous
Byte Write Select Inputs, Active LOW. Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, Active LOW. When asserted LOW on the rising edge of CLK, a
global write is conducted (ALL bytes are written, regardless of the values on BWX and BWE).
BWE
Input-
Synchronous
Byte Write Enable Input, Active LOW. Sampled on the rising edge of CLK. This signal must
be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock Input. Captures all synchronous inputs to the device. Also increments the burst counter
when ADV is asserted LOW during a burst operation.
CE1
Input-
Synchronous
Chip Enable 1 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2 and CE3 to select or deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is
sampled only when a new external address is loaded.
CE2
Input-
Synchronous
Chip Enable 2 Input, Active HIGH. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE3 to select or deselect the device. CE2 is sampled only when a new external
address is loaded.
CE3
Input-
Synchronous
Chip Enable 3 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select or deselect the device. CE3 is sampled only when a new external
address is loaded.
OE
Input-
Asynchronous
Output Enable, Asynchronous Input, Active LOW. Controls the direction of the IO pins.
When LOW, the IO pins behave as outputs. When deasserted HIGH, IO pins are tri-stated,
and act as input data pins. OE is masked during the first clock of a read cycle when emerging
from a deselected state.
ADV
Input-
Synchronous
Advance Input Signal, Sampled on the Rising Edge of CLK, Active LOW. When asserted,
it automatically increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address Strobe from Processor, Sampled on the Rising Edge of CLK, Active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are both
asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH.
ADSC
Input-
Synchronous
Address Strobe from Controller, Sampled on the Rising Edge of CLK, Active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A1: A0 are also loaded into the burst counter. When ADSP and ADSC are both
asserted, only ADSP is recognized.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input, Active HIGH. When asserted HIGH places the device in a non-time-critical
“sleep” condition with data integrity preserved. For normal operation, this pin must be LOW
or left floating. ZZ pin has an internal pull down.
DQs, DQPs
IO-
Synchronous
Bidirectional Data IO Lines. As inputs, they feed into an on-chip data register that is triggered
by the rising edge of CLK. As outputs, they deliver the data contained in the memory location
specified by the addresses presented during the previous clock rise of the read cycle. The
direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as
outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.
VDD
Power Supply
Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Core of the Device.
VSSQ
[2]
IO Ground
Ground for the IO Circuitry.
VDDQ
IO Power Supply Power Supply for the IO Circuitry.
Note
2. Applicable for TQFP package. For BGA package VSS serves as ground for the core and the IO circuitry.
[+] Feedback


Similar Part No. - CY7C1480BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-167AXC CYPRESS-CY7C1480BV25-167AXC Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-167BZXC CYPRESS-CY7C1480BV25-167BZXC Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-200BZC CYPRESS-CY7C1480BV25-200BZC Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-250BZI CYPRESS-CY7C1480BV25-250BZI Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1480BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com