Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399B-15ZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1399B-15ZC
Description  256K(32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399B-15ZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1399B-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1399B-15ZC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY7C1399B
Document #: 38-05071 Rev. *D
Page 9 of 10
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams
DIMENSIONS IN INCHES
MIN.
MAX.
PIN1ID
0.291
0.300
0.050
TYP.
0.007
0.013
0.330
0.350
0.120
0.140
0.025 MIN.
0.262
0.272
0.697
0.713
0.013
0.019
0.014
0.020
0.032
0.026
A
A
DETAIL
EXTERNAL LEAD DESIGN
OPTION 1
OPTION 2
1
14
15
28
0.004
SEATING PLANE
28-Lead (300-Mil) Molded SOJ V21
51-85031-*B
28-Lead Thin Small Outline Package Type 1 (8x13.4 mm) Z28
51-85071-*G


Similar Part No. - CY7C1399B-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B-15ZC CYPRESS-CY7C1399B-15ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399B-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com