Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1362C-200BZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1362C-200BZC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362C-200BZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1362C-200BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362C-200BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CY7C1360C
CY7C1362C
Document #: 38-05540 Rev. *H
Page 2 of 31
.
Selection Guide
250 MHz
200 MHz
166 MHz
Unit
Maximum Access Time
2.8
3.0
3.5
ns
Maximum Operating Current
250
220
180
mA
Maximum CMOS Standby Current
40
40
40
mA
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER
AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWE
GW
CE1
CE2
CE3
OE
ENABLE
REGISTER
OUTPUT
REGISTERS
SENSE
AMPS
OUTPUT
BUFFERS
E
PIPELINED
ENABLE
INPUT
REGISTERS
A0, A1, A
BWB
BWC
BWD
BWA
MEMORY
ARRAY
DQs
DQPA
DQPB
DQPC
DQPD
SLEEP
CONTROL
ZZ
A[1:0]
2
DQA ,DQPA
BYTE
WRITE REGISTER
DQB ,DQPB
BYTE
WRITE REGISTER
DQC ,DQPC
BYTE
WRITE REGISTER
DQD ,DQPD
BYTE
WRITE REGISTER
DQA ,DQPA
BYTE
WRITE DRIVER
DQB ,DQPB
BYTE
WRITE DRIVER
DQC ,DQPC
BYTE
WRITE DRIVER
DQD ,DQPD
BYTE
WRITE DRIVER
Logic Block Diagram – CY7C1360C (256K x 36)


Similar Part No. - CY7C1362C-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362C-200BZC CYPRESS-CY7C1362C-200BZC Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362C-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com