Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1413JV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1413JV18
Description  36-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1413JV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1413JV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1413JV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CY7C1411JV18, CY7C1426JV18
CY7C1413JV18, CY7C1415JV18
Document Number: 001-12557 Rev. *B
Page 6 of 26
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks when valid write operations are active.
CY7C1411JV18
− D
[7:0]
CY7C1426JV18
− D
[8:0]
CY7C1413JV18
− D
[17:0]
CY7C1415JV18
− D
[35:0]
WPS
Input-
Synchronous
Write Port Select
− Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1,
Input-
Synchronous
Nibble Write Select 0, 1
− Active LOW (CY7C1411JV18 Only). Sampled on the rising edge of the K
and K clocks when write operations are active. Used to select which nibble is written into the device during
the current portion of the write operations. NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks when
write operations are active. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1426JV18
− BWS
0 controls D[8:0]
CY7C1413JV18
− BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1415JV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations. These
address inputs are multiplexed for both read and write operations. Internally, the device is organized as
4M x 8 (4 arrays each of 1M x 8) for CY7C1411JV18, 4M x 9 (4 arrays each of 1M x 9) for CY7C1426JV18,
2M x 18 (4 arrays each of 512K x 18) for CY7C1413JV18 and 1M x 36 (4 arrays each of 256K x 36) for
CY7C1415JV18. Therefore, only 20 address inputs are needed to access the entire memory array of
CY7C1411JV18 and CY7C1426JV18, 19 address inputs for CY7C1413JV18 and 18 address inputs for
CY7C1415JV18. These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output Signals. These pins drive out the requested data when the read operation is active. Valid
data is driven out on the rising edge of the C and C clocks during read operations or K and K, when in
single clock mode. On deselecting the read port, Q[x:0] are automatically tri-stated.
CY7C1411JV18
− Q
[7:0]
CY7C1426JV18
− Q
[8:0]
CY7C1413JV18
− Q
[17:0]
CY7C1415JV18
− Q
[35:0]
RPS
Input-
Synchronous
Read Port Select
− Active LOW. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is
allowed to complete and the output drivers are automatically tri-stated following the next rising edge of
the C clock. Each read access consists of a burst of four sequential transfers.
C
Input Clock
Positive Input clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See application example for further details.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See application example for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1413JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1413JV18 CYPRESS-CY7C1413JV18 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1413JV18-200BZC CYPRESS-CY7C1413JV18-200BZC Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1413JV18-200BZI CYPRESS-CY7C1413JV18-200BZI Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1413JV18-200BZXC CYPRESS-CY7C1413JV18-200BZXC Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1413JV18-200BZXI CYPRESS-CY7C1413JV18-200BZXI Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1413JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com