Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1414JV18 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1414JV18
Description  36-Mbit QDR??II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1414JV18 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1414JV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1414JV18 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CY7C1410JV18, CY7C1425JV18
CY7C1412JV18, CY7C1414JV18
Document #: 001-12561 Rev. *D
Page 9 of 26
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5x the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
Ω and 350Ω, with V
DDQ =1.5V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR-II to simplify data capture
on high-speed systems. Two echo clocks are generated by the
QDR-II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free-running clocks and are
synchronized to the output clock (C/C) of the QDR-II. In single
clock mode, CQ is generated with respect to K and CQ is
generated with respect to K. The timing for the echo clocks is
shown in the Switching Characteristics on page 22.
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed to
function between 120 MHz and the specified maximum clock
frequency. During power up, when the DOFF is tied HIGH, the
DLL is locked after 1024 cycles of stable clock. The DLL can also
be reset by slowing or stopping the input clock K and K for a
minimum of 30 ns. However, it is not necessary to reset the DLL
to lock to the desired frequency. The DLL automatically locks
1024 clock cycles after a stable clock is presented. The DLL may
be disabled by applying ground to the DOFF pin. When the DLL
is turned off, the device behaves in QDR-I mode (with one cycle
latency and a longer access time). For information refer to the
application note DLL Considerations in QDRII/DDRII.
Application Example
Figure 1 shows two QDR-II used in an application.
Figure 1. Application Example
R = 250
ohms
Vt
R
R = 250
ohms
Vt
Vt
R
Vt = Vddq/2
R = 50
ohms
R
CC#
D
A
SRAM #2
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
CC#
D
A
K
SRAM #1
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
BUS
MASTER
(CPU
or
ASIC)
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
CLKIN/CLKIN#
K
[+] Feedback


Similar Part No. - CY7C1414JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1414JV18 CYPRESS-CY7C1414JV18 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1414JV18-250BZC CYPRESS-CY7C1414JV18-250BZC Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1414JV18-250BZI CYPRESS-CY7C1414JV18-250BZI Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1414JV18-250BZXC CYPRESS-CY7C1414JV18-250BZXC Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1414JV18-250BZXI CYPRESS-CY7C1414JV18-250BZXI Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1414JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com