Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1371DV25-100AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1371DV25-100AXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1371DV25-100AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1371DV25-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1371DV25-100AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY7C1371DV25
CY7C1373DV25
Document #: 38-05557 Rev. *D
Page 10 of 28
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
80
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Deselect Cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-State
Deselect Cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-State
Continue Deselect Cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-State
Read Cycle (Begin Burst)
External
L
H
L
L
L
H
X
L
L
L->H Data Out (Q)
Read Cycle (Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data Out (Q)
NOP/Dummy Read (Begin Burst)
External
L
H
L
L
L
H
X
H
L
L->H
Tri-State
Dummy Read (Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L->H
Tri-State
Write Cycle (Begin Burst)
External
L
H
L
L
L
L
L
X
L
L->H Data In (D)
Write Cycle (Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L->H Data In (D)
NOP/Write Abort (Begin Burst)
None
L
H
L
L
L
L
H
X
L
L->H
Tri-State
Write Abort (Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L->H
Tri-State
Ignore Clock Edge (Stall)
Current
X
X
X
L
X
X
X
X
H
L->H
-
Sleep Mode
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Notes:
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW. BWX = 0 signifies at least one Byte Write Select is active, BWX = Valid signifies that the desired byte write
selects are asserted, see truth table for details.
3. Write is defined by BWX, and WE. See truth table for Read/Write.
4. When a write cycle is detected, all I/Os are tri-stated, even during byte writes.
5. The DQs and DQPX pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CEN = H, inserts wait states.
7. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQPX = Tri-state when OE
is inactive or when the device is deselected, and DQs and DQPX = data when OE is active.


Similar Part No. - CY7C1371DV25-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33-133AXI CYPRESS-CY7C1371DV33-133AXI Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33-133BZI CYPRESS-CY7C1371DV33-133BZI Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1371DV25-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com