Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25-225BGC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1380CV25-225BGC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25-225BGC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1380CV25-225BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25-225BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
Document #: 38-05240 Rev. *C
Page 2 of 33
1
2
3
Logic Block Diagram – CY7C1380CV25 (512K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER
AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWE
GW
CE1
CE2
CE3
OE
ENABLE
REGISTER
OUTPUT
REGISTERS
SENSE
AMPS
OUTPUT
BUFFERS
E
PIPELINED
ENABLE
INPUT
REGISTERS
A0, A1, A
BWB
BWC
BWD
BWA
MEMORY
ARRAY
DQs
DQPA
DQPB
DQPC
DQPD
SLEEP
CONTROL
ZZ
A[1:0]
2
DQA ,DQPA
BYTE
WRITE REGISTER
DQB ,DQPB
BYTE
WRITE REGISTER
DQC ,DQPC
BYTE
WRITE REGISTER
DQD ,DQPD
BYTE
WRITE REGISTER
DQA ,DQPA
BYTE
WRITE DRIVER
DQB ,DQPB
BYTE
WRITE DRIVER
DQC ,DQPC
BYTE
WRITE DRIVER
DQD ,DQPD
BYTE
WRITE DRIVER
A0, A1, A
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
DQA,DQPA
WRITE DRIVER
OUTPUT
BUFFERS
DQB,DQPB
WRITE DRIVER
A[1:0]
ZZ
SLEEP
CONTROL
Logic Block Diagram – CY7C1382CV25 (1M x 18)


Similar Part No. - CY7C1380CV25-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-225BGC CYPRESS-CY7C1380CV25-225BGC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1380CV25-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com