Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1425JV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1425JV18
Description  36-Mbit QDR??II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1425JV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1425JV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1425JV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CY7C1410JV18, CY7C1425JV18
CY7C1412JV18, CY7C1414JV18
Document #: 001-12561 Rev. *D
Page 6 of 26
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1410JV18 - D[7:0]
CY7C1425JV18 - D[8:0]
CY7C1412JV18 - D[17:0]
CY7C1414JV18 - D[35:0]
WPS
Input-
Synchronous
Write Port Select
− Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1
Nibble Write Select 0, 1
− Active LOW (CY7C1410JV18 Only). Sampled on the rising edge of the K
and K clocks during Write operations. Used to select which nibble is written into the device during the
current portion of the Write operations.Nibbles not written remain unaltered. NWS0 controls D[3:0] and
NWS1 controls D[7:4].
All Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1425JV18
− BWS
0 controls D[8:0]
CY7C1412JV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9].
CY7C1414JV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (Read address) and K (Write address) clocks during
active read and write operations. These address inputs are multiplexed for both read and write operations.
Internally, the device is organized as 4M x 8 (2 arrays each of 2M x 8) for CY7C1410JV18, 4M x 9 (2
arrays each of 2M x 9) for CY7C1425JV18, 2M x 18 (2 arrays each of 1M x 18) for CY7C1412JV18 and
1M x 36 (2 arrays each of 512K x 36) for CY7C1414JV18. Therefore, only 21 address inputs are needed
to access the entire memory array of CY7C1410JV18 and CY7C1425JV18, 20 address inputs for
CY7C1412JV18 and 19 address inputs for CY7C1414JV18. These inputs are ignored when the appro-
priate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output Signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the C and C clocks during read operations, or K and K when in single
clock mode. When the read port is deselected, Q[x:0] are automatically tri-stated.
CY7C1410JV18
− Q
[7:0]
CY7C1425JV18
− Q
[8:0]
CY7C1412JV18
− Q
[17:0]
CY7C1414JV18
− Q
[35:0]
RPS
Input-
Synchronous
Read Port Select
− Active LOW. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is
allowed to complete and the output drivers are automatically tri-stated following the next rising edge of
the C clock. Each read access consists of a burst of two sequential transfers.
C
Input Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 9 for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1425JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425JV18 CYPRESS-CY7C1425JV18 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1425JV18-250BZC CYPRESS-CY7C1425JV18-250BZC Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1425JV18-250BZI CYPRESS-CY7C1425JV18-250BZI Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1425JV18-250BZXC CYPRESS-CY7C1425JV18-250BZXC Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1425JV18-250BZXI CYPRESS-CY7C1425JV18-250BZXI Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1425JV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com